Electronic Components Datasheet Search
  English  ▼

X  

PIC16F685 Datasheet(PDF) 211 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 211 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 207Page - Microchip Technology PIC16F685 Datasheet HTML 208Page - Microchip Technology PIC16F685 Datasheet HTML 209Page - Microchip Technology PIC16F685 Datasheet HTML 210Page - Microchip Technology PIC16F685 Datasheet HTML 211Page - Microchip Technology PIC16F685 Datasheet HTML 212Page - Microchip Technology PIC16F685 Datasheet HTML 213Page - Microchip Technology PIC16F685 Datasheet HTML 214Page - Microchip Technology PIC16F685 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 209
PIC16F631/677/685/687/689/690
TABLE 14-8:
SUMMARY OF WATCHDOG TIMER REGISTER
REGISTER 14-2:
WDTCON: WATCHDOG TIMER CONTROL REGISTER
U-0
U-0
U-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
—
—
—
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4-1
WDTPS<3:0>: Watchdog Timer Period Select bits
Bit Value = Prescale Rate
0000
= 1:32
0001
= 1:64
0010
= 1:128
0011
= 1:256
0100
= 1:512 (Reset value)
0101
= 1:1024
0110
= 1:2048
0111
= 1:4096
1000
= 1:8192
1001
= 1:16384
1010
= 1:32768
1011
= 1:65536
1100
= reserved
1101
= reserved
1110
= reserved
1111
= reserved
bit 0
SWDTEN: Software Enable or Disable the Watchdog Timer bit(1)
1
= WDT is turned on
0
= WDT is turned off (Reset value)
Note 1: If WDTE Configuration bit = 1, then WDT is always enabled, irrespective of this control bit. If WDTE
Configuration bit = 0, then it is possible to turn WDT on/off with this control bit.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
CONFIG(1)
CPD
CP
MCLRE
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
—
—
OPTION_REG
RABPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
WDTCON
—
—
—
WDTPS3 WDTPS2 WSTPS1 WDTPS0 SWDTEN
---0 1000
---0 1000
Legend:
Shaded cells are not used by the Watchdog Timer.
Note
1:
See Register 14-1 for operation of all Configuration Word register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com