Electronic Components Datasheet Search
  English  ▼

X  

PIC16F685 Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 150Page - Microchip Technology PIC16F685 Datasheet HTML 151Page - Microchip Technology PIC16F685 Datasheet HTML 152Page - Microchip Technology PIC16F685 Datasheet HTML 153Page - Microchip Technology PIC16F685 Datasheet HTML 154Page - Microchip Technology PIC16F685 Datasheet HTML 155Page - Microchip Technology PIC16F685 Datasheet HTML 156Page - Microchip Technology PIC16F685 Datasheet HTML 157Page - Microchip Technology PIC16F685 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 152
© 2007 Microchip Technology Inc.
12.1.1.4
TSR Status
The TRMT bit of the TXSTA register indicates the
status of the TSR register. This is a read-only bit. The
TRMT bit is set when the TSR register is empty and is
cleared when a character is transferred to the TSR
register from the TXREG. The TRMT bit remains clear
until all bits have been shifted out of the TSR register.
No interrupt logic is tied to this bit, so the user has to
poll this bit to determine the TSR status.
12.1.1.5
Transmitting 9-Bit Characters
The EUSART supports 9-bit character transmissions.
When the TX9 bit of the TXSTA register is set the
EUSART will shift 9 bits out for each character transmit-
ted. The TX9D bit of the TXSTA register is the ninth,
and Most Significant, data bit. When transmitting 9-bit
data, the TX9D data bit must be written before writing
the 8 Least Significant bits into the TXREG. All nine bits
of data will be transferred to the TSR shift register
immediately after the TXREG is written.
A special 9-bit Address mode is available for use with
multiple receivers. See Section 12.1.2.7 “Address
Detection” for more information on the Address mode.
12.1.1.6
Asynchronous Transmission Set-up:
1.
Initialize the SPBRGH, SPBRG register pair and
the BRGH and BRG16 bits to achieve the desired
baud rate (see Section 12.3 “EUSART Baud
Rate Generator (BRG)”).
2.
Enable the asynchronous serial port by clearing
the SYNC bit and setting the SPEN bit.
3.
If 9-bit transmission is desired, set the TX9 con-
trol bit. A set ninth data bit will indicate that the 8
Least Significant data bits are an address when
the receiver is set for address detection.
4.
Enable the transmission by setting the TXEN
control bit. This will cause the TXIF interrupt bit
to be set.
5.
If interrupts are desired, set the TXIE interrupt
enable bit. An interrupt will occur immediately
provided that the GIE and PEIE bits of the
INTCON register are also set.
6.
If 9-bit transmission is selected, the ninth bit
should be loaded into the TX9D data bit.
7.
Load 8-bit data into the TXREG register. This
will start the transmission.
FIGURE 12-3:
ASYNCHRONOUS TRANSMISSION
FIGURE 12-4:
ASYNCHRONOUS TRANSMISSION (BACK TO BACK)
Note:
The TSR register is not mapped in data
memory, so it is not available to the user.
Word 1
Stop bit
Word 1
Transmit Shift Reg
Start bit
bit 0
bit 1
bit 7/8
Write to TXREG
Word 1
BRG Output
(Shift Clock)
RC4/C2OUT/TX/CK
TXIF bit
(Transmit Buffer
Reg. Empty Flag)
TRMT bit
(Transmit Shift
Reg. Empty Flag)
1 TCY
pin
Transmit Shift Reg.
Write to TXREG
BRG Output
(Shift Clock)
RC4/C2OUT/TX/CK
TXIF bit
(Interrupt Reg. Flag)
TRMT bit
(Transmit Shift
Reg. Empty Flag)
Word 1
Word 2
Word 1
Word 2
Start bit
Stop bit
Start bit
Transmit Shift Reg.
Word 1
Word 2
bit 0
bit 1
bit 7/8
bit 0
Note:
This timing diagram shows two consecutive transmissions.
1 TCY
1 TCY
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com