Electronic Components Datasheet Search
  English  ▼

X  

PIC16F685 Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 161Page - Microchip Technology PIC16F685 Datasheet HTML 162Page - Microchip Technology PIC16F685 Datasheet HTML 163Page - Microchip Technology PIC16F685 Datasheet HTML 164Page - Microchip Technology PIC16F685 Datasheet HTML 165Page - Microchip Technology PIC16F685 Datasheet HTML 166Page - Microchip Technology PIC16F685 Datasheet HTML 167Page - Microchip Technology PIC16F685 Datasheet HTML 168Page - Microchip Technology PIC16F685 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 163
PIC16F631/677/685/687/689/690
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 0
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 2.000 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
—
—
—
—
—
—
—
—
—
300
0.16
207
1200
1202
0.16
207
1200
0.00
191
1202
0.16
103
1202
0.16
51
2400
2404
0.16
103
2400
0.00
95
2404
0.16
51
2404
0.16
25
9600
9615
0.16
25
9600
0.00
23
9615
0.16
12
—
—
—
10417
10417
0.00
23
10473
0.53
21
10417
0.00
11
10417
0.00
5
19.2k
19.23k
0.16
12
19.2k
0.00
11
—
—
—
—
—
—
57.6k
—
—
—
57.60k
0.00
3
—
—
—
—
—
—
115.2k
—
—
—
115.2k
0.00
1
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 1
FOSC = 20.000 MHz
FOSC = 18.432 MHz
FOSC = 11.0592 MHz
FOSC = 8.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
300.0
-0.01
4166
300.0
0.00
3839
300.0
0.00
2303
299.9
-0.02
1666
1200
1200
-0.03
1041
1200
0.00
959
1200
0.00
575
1199
-0.08
416
2400
2399
-0.03
520
2400
0.00
479
2400
0.00
287
2404
0.16
207
9600
9615
0.16
129
9600
0.00
119
9600
0.00
71
9615
0.16
51
10417
10417
0.00
119
10378
-0.37
110
10473
0.53
65
10417
0.00
47
19.2k
19.23k
0.16
64
19.20k
0.00
59
19.20k
0.00
35
19.23k
0.16
25
57.6k
56.818
-1.36
21
57.60k
0.00
19
57.60k
0.00
11
55556
-3.55
8
115.2k
113.636
-1.36
10
115.2k
0.00
9
115.2k
0.00
5
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 1
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 2.000 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
300.1
0.04
832
300.0
0.00
767
299.8
-0.108
416
300.5
0.16
207
1200
1202
0.16
207
1200
0.00
191
1202
0.16
103
1202
0.16
51
2400
2404
0.16
103
2400
0.00
95
2404
0.16
51
2404
0.16
25
9600
9615
0.16
25
9600
0.00
23
9615
0.16
12
—
—
—
10417
10417
0.00
23
10473
0.53
21
10417
0.00
11
10417
0.00
5
19.2k
19.23k
0.16
12
19.20k
0.00
11
—
—
—
—
—
—
57.6k
—
—
—
57.60k
0.00
3
—
—
—
—
—
—
115.2k
—
—
—
115.2k
0.00
1
—
—
—
—
—
—
TABLE 12-5:
BAUD RATES FOR ASYNCHRONOUS MODES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com