Electronic Components Datasheet Search
  English  ▼

X  

PIC16F685 Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 183Page - Microchip Technology PIC16F685 Datasheet HTML 184Page - Microchip Technology PIC16F685 Datasheet HTML 185Page - Microchip Technology PIC16F685 Datasheet HTML 186Page - Microchip Technology PIC16F685 Datasheet HTML 187Page - Microchip Technology PIC16F685 Datasheet HTML 188Page - Microchip Technology PIC16F685 Datasheet HTML 189Page - Microchip Technology PIC16F685 Datasheet HTML 190Page - Microchip Technology PIC16F685 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 185
PIC16F631/677/685/687/689/690
13.12.1
ADDRESSING
Once the SSP module has been enabled, it waits for a
Start condition to occur. Following the Start condition,
the 8-bits are shifted into the SSPSR register. All
incoming bits are sampled with the rising edge of the
clock (SCL) line. The value of register SSPSR<7:1> is
compared to the value of the SSPADD register. The
address is compared on the falling edge of the eighth
clock (SCL) pulse. If the addresses match, and the BF
and SSPOV bits are clear, the following events occur:
a)
The SSPSR register value is loaded into the
SSPBUF register.
b)
The buffer full bit, BF is set.
c)
An ACK pulse is generated.
d)
SSP interrupt flag bit, SSPIF of the PIR1 register
is set (interrupt is generated if enabled) on the
falling edge of the ninth SCL pulse.
In 10-bit Address mode, two address bytes need to be
received by the slave (Figure 13-8). The five Most
Significant bits (MSbs) of the first address byte specify
if this is a 10-bit address. Bit R/W (SSPSTAT<2>) must
specify a write so the slave device will receive the
second address byte. For a 10-bit address, the first
byte would equal ‘1111 0 A9 A8 0’, where A9 and
A8
are the two MSbs of the address.
The sequence of events for 10-bit address is as
follows, with steps 7-9 for slave-transmitter:
1.
Receive first (high) byte of address (bits SSPIF,
BF and bit UA (SSPSTAT<1>) are set).
2.
Update the SSPADD register with second (low)
byte of address (clears bit UA and releases the
SCL line).
3.
Read the SSPBUF register (clears bit BF) and
clear flag bit SSPIF.
4.
Receive second (low) byte of address (bits
SSPIF, BF and UA are set).
5.
Update the SSPADD register with the first (high)
byte of address; if match releases SCL line, this
will clear bit UA.
6.
Read the SSPBUF register (clears bit BF) and
clear flag bit SSPIF.
7.
Receive repeated Start condition.
8.
Receive first (high) byte of address (bits SSPIF
and BF are set).
9.
Read the SSPBUF register (clears bit BF) and
clear flag bit SSPIF.
TABLE 13-3:
DATA TRANSFER RECEIVED BYTE ACTIONS
Status Bits as Data
Transfer is Received
SSPSR
→ SSPBUF
Generate ACK
Pulse
Set bit SSPIF
(SSP Interrupt occurs
if enabled)
BF
SSPOV
00
Yes
Yes
Yes
10
No
No
Yes
11
No
No
Yes
0
1
No
No
Yes
Note:
Shaded cells show the conditions where the user software did not properly clear the overflow condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com