Electronic Components Datasheet Search
  English  ▼

X  

PIC16F685 Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 192Page - Microchip Technology PIC16F685 Datasheet HTML 193Page - Microchip Technology PIC16F685 Datasheet HTML 194Page - Microchip Technology PIC16F685 Datasheet HTML 195Page - Microchip Technology PIC16F685 Datasheet HTML 196Page - Microchip Technology PIC16F685 Datasheet HTML 197Page - Microchip Technology PIC16F685 Datasheet HTML 198Page - Microchip Technology PIC16F685 Datasheet HTML 199Page - Microchip Technology PIC16F685 Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 194
© 2007 Microchip Technology Inc.
14.1
Configuration Bits
The Configuration bits can be programmed (read as
‘0’), or left unprogrammed (read as ‘1’) to select various
device configurations as shown in Register 14-2.
These bits are mapped in program memory location
2007h.
Note:
Address 2007h is beyond the user program
memory space. It belongs to the special
configuration memory space (2000h-
3FFFh), which can be accessed only during
programming. See “PIC12F6XX/16F6XX
Memory
Programming
Specification”
(DS41204) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com