Electronic Components Datasheet Search
  English  ▼

X  

LW551A Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # LW551A
Description  WHITE LAMP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW551A Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button LW551A Datasheet HTML 2Page - Seoul Semiconductor LW551A Datasheet HTML 3Page - Seoul Semiconductor LW551A Datasheet HTML 4Page - Seoul Semiconductor LW551A Datasheet HTML 5Page - Seoul Semiconductor LW551A Datasheet HTML 6Page - Seoul Semiconductor LW551A Datasheet HTML 7Page - Seoul Semiconductor LW551A Datasheet HTML 8Page - Seoul Semiconductor LW551A Datasheet HTML 9Page - Seoul Semiconductor LW551A Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
-6-
WHITE LAMP LED
LW551A
<060915> Rev. 0.3
서식번호 : QP-7-03-05 (Rev.00)
0
20
406080
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient Temperature Ta[
oC]
Directivity
Ambient Temperature vs. Relative Intensity
IF= 20mA
Ta= 25ºC, IF= 20mA
Ambient Temperature vs. Forward Voltage
400
500
600
700
0.0
0.5
1.0
Wavelength [nm]
Spectrum
Ta= 25ºC, IF= 20mA
0
2040
6080
100
2.4
2.6
2.8
3.0
3.2
3.4
Ambient Temperature Ta[
oC]
IF= 20mA
-90
-60
-30
0
30
60
90
0.0
0.2
0.4
0.6
0.8
1.0
Off Axis Angle [deg.]


Similar Part No. - LW551A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW551 SEOUL-LW551 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LW551 SEOUL-LW551 Datasheet
360Kb / 13P
   CYAN LAMP LED
LW551 SEOUL-LW551 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LW551 SEOUL-LW551 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LW551 SEOUL-LW551 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LW551A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW540AS SEOUL-LW540AS_1 Datasheet
630Kb / 18P
   WHITE LAMP LED
LW340AS SEOUL-LW340AS Datasheet
513Kb / 12P
   WHITE LAMP LED
LW520AS SEOUL-LW520AS Datasheet
536Kb / 12P
   WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
   WHITE LAMP LED
logo
LUXPIA
LWH5020 LUXPIA-LWH5020 Datasheet
212Kb / 7P
   White LED Lamp
logo
Seoul Semiconductor
LW520A SEOUL-LW520A Datasheet
521Kb / 12P
   WHITE LAMP LED
LW340A SEOUL-LW340A Datasheet
521Kb / 12P
   WHITE LAMP LED
LW330A SEOUL-LW330A Datasheet
508Kb / 11P
   WHITE LAMP LED
logo
LUXPIA
LWH5000 LUXPIA-LWH5000 Datasheet
237Kb / 7P
   White LED Lamp
logo
Seoul Semiconductor
LW510 SEOUL-LW510_1 Datasheet
565Kb / 18P
   WHITE LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com