Electronic Components Datasheet Search
  English  ▼

X  

LW520AS Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # LW520AS
Description  WHITE LAMP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW520AS Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button LW520AS Datasheet HTML 4Page - Seoul Semiconductor LW520AS Datasheet HTML 5Page - Seoul Semiconductor LW520AS Datasheet HTML 6Page - Seoul Semiconductor LW520AS Datasheet HTML 7Page - Seoul Semiconductor LW520AS Datasheet HTML 8Page - Seoul Semiconductor LW520AS Datasheet HTML 9Page - Seoul Semiconductor LW520AS Datasheet HTML 10Page - Seoul Semiconductor LW520AS Datasheet HTML 11Page - Seoul Semiconductor LW520AS Datasheet HTML 12Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
-10-
WHITE LAMP LED
LW520AS
<070611> Rev. 0.0
서식번호 : QP-7-03-05 (Rev.00)
Soldering Profile
1) Wave Soldering Conditions / Profile
• Preliminary heating to be at 85ºC(120 ºC max) for 20 seconds(60 seconds max).
• Soldering heat to be at 255 ºC (260ºC max) for 10 seconds
• Soak time above 200 ºC is 5 seconds
2) Hand Soldering conditions
• Not more than 3 seconds at max. 350ºC, under Soldering iron
.
3) Caution
• The LEDs must not be repositioned after soldering.
• Do not apply any stress to the lead particularly when heat.
0
2
4
6
8
10
1 2
1 4
16
18
2 0
22
24
26
2 8
30
3 2
34
36
0
50
10 0
15 0
20 0
25 0
30 0
Tim e [s ]
PREHEAT
20s (60s Max)
85 ºC(120 ºC max)
PEAK
10s
255 ºC (260 ºC max)
Note : In case the soldered products are reused in soldering process, we don’t guarantee the products.


Similar Part No. - LW520AS

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW520AS SEOUL-LW520AS Datasheet
626Kb / 18P
   WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
   WHITE LAMP LED
More results

Similar Description - LW520AS

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW540AS SEOUL-LW540AS_1 Datasheet
630Kb / 18P
   WHITE LAMP LED
LW340AS SEOUL-LW340AS Datasheet
513Kb / 12P
   WHITE LAMP LED
LW551A SEOUL-LW551A Datasheet
398Kb / 12P
   WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
   WHITE LAMP LED
logo
LUXPIA
LWH5020 LUXPIA-LWH5020 Datasheet
212Kb / 7P
   White LED Lamp
logo
Seoul Semiconductor
LW520A SEOUL-LW520A Datasheet
521Kb / 12P
   WHITE LAMP LED
LW340A SEOUL-LW340A Datasheet
521Kb / 12P
   WHITE LAMP LED
LW330A SEOUL-LW330A Datasheet
508Kb / 11P
   WHITE LAMP LED
logo
LUXPIA
LWH5000 LUXPIA-LWH5000 Datasheet
237Kb / 7P
   White LED Lamp
logo
Seoul Semiconductor
LW510 SEOUL-LW510_1 Datasheet
565Kb / 18P
   WHITE LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com