Electronic Components Datasheet Search
  English  ▼

X  

SSC-MWT803-S Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # SSC-MWT803-S
Description  TOP LED DEVICE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-MWT803-S Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button SSC-MWT803-S Datasheet HTML 2Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 3Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 4Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 5Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 6Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 7Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 8Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 9Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 8/10 -
SSC-MWT803-S
SSC-QP-0401-06(REV.01)
c
a
b
1 SIDE
7inch 245 220
142
SIZE (mm)
Outer Box Structure
Material : Paper(SW3B(B))
TYPE
TOP LED
a
b
c
1
HUMIDITY INDICATOR
Aluminum Vinyl Bag
Reel
DESI PAK
RANK:
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
XXX
SEOUL SEMICONDUCTOR CO., LTD.
RANK:
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
XXX
SEOUL SEMICONDUCTOR CO., LTD.
RANK:
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
XXX
SEOUL SEMICONDUCTOR CO., LTD.
RoHS
XXXXXX
XXXXXX
XXXXXX
9. Reel Packing Structure


Similar Part No. - SSC-MWT803-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-MWT801-S SEOUL-SSC-MWT801-S Datasheet
689Kb / 10P
   TOP LED DEVICE
More results

Similar Description - SSC-MWT803-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-MGT722 SEOUL-SSC-MGT722 Datasheet
557Kb / 11P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
SSC-MBT722 SEOUL-SSC-MBT722 Datasheet
513Kb / 11P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com