Electronic Components Datasheet Search
  English  ▼

X  

SSC-MWT803-S Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SSC-MWT803-S
Description  TOP LED DEVICE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-MWT803-S Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SSC-MWT803-S Datasheet HTML 2Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 3Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 4Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 5Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 6Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 7Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 8Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 9Page - Seoul Semiconductor SSC-MWT803-S Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6. Soldering Profile
(1) Reflow Soldering Conditions / Profile (Lead Free Solder)
(2) Hand Soldering conditions
Do not exceed 4 seconds at maximum 315ºC under soldering iron.
(3) The encapsulated material of the LEDs is silicone.
Precautions should be taken to avoid the strong pressure on the encapsulated part.
So when using the chip mounter, the picking up nozzle that does not affect the silicone
resign should be used.
Note : In case that the soldered products are reused in soldering process, we don’t guarantee the products.
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 6/10 -
SSC-MWT803-S
SSC-QP-0401-06(REV.01)
Pre-heating
200
180
150
0
Temp
[°C]
220
240
260
Rising
5 °C/sec
Tm : Reflow machine setting temp (max 30 sec.)
Ts : Surface temp of PCB (min)
Ts : Surface temp of PCB (max)
Ts : Surface temp of PCB (recommend)
Cooling
-5 °C/sec
Time
[Hr]


Similar Part No. - SSC-MWT803-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-MWT801-S SEOUL-SSC-MWT801-S Datasheet
689Kb / 10P
   TOP LED DEVICE
More results

Similar Description - SSC-MWT803-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-MGT722 SEOUL-SSC-MGT722 Datasheet
557Kb / 11P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
SSC-MBT722 SEOUL-SSC-MBT722 Datasheet
513Kb / 11P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com