Electronic Components Datasheet Search
  English  ▼

X  

PM5352 Datasheet(PDF) 5 Page - PMC-Sierra, Inc

Part # PM5352
Description  155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 5 Page - PMC-Sierra, Inc

  PM5352 Datasheet HTML 1Page - PMC-Sierra, Inc PM5352 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 2 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
1.1
General
• Single chip ATM User-Network Interface operating at 155.52 Mbit/s.
• Implements the ATM Forum User Network Interface Specification and
the ATM physical layer for Broadband ISDN according to CCITT
Recommendation I.432.
• Implements the Point-to-Point Protocol (PPP) over SONET/SDH
specification according to RFC 1619/1662 of the PPP Working Group
of the Internet Engineering Task Force (IETF).
• Processes duplex 155.52 Mbit/s STS-3c (STM-1) data streams with
on-chip clock and data recovery and clock synthesis.
• Exceeds Bellcore GR-253-CORE jitter tolerance and intrinsic jitter
criteria.
• Exceeds Bellcore GR-253-CORE jitter transfer and phase variation
criteria.
• Provides control circuitry required to exceed Bellcore GR-253-CORE
WAN clocking requirements related to wander transfer, holdover and
long term stability when using an external VCXO.
• Compatible with ATM Forum’s Utopia Level 2 Specification with Multi-
PHY addressing and parity support.
• Implements the POS-PHY 16-bit System Interface for Packet over
SONET/SDH (POS) applications. This system interface is similar to
Utopia Level 2, but adapted to packet transfer. Both byte-level and
packet-level transfer modes are supported.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary
scan board test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration,
control, and status monitoring.
• Low power 3.3V CMOS with PECL and TTL compatible inputs and
CMOS/TTL outputs, with 5V tolerance inputs (system side interface is
3.3V only).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com