Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 5 Page - PMC-Sierra, Inc

Part # PM5356
Description  622 Mbit/s ATM Physical Layer Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 5 Page - PMC-Sierra, Inc

  PM5356 Datasheet HTML 1Page - PMC-Sierra, Inc PM5356 Datasheet HTML 2Page - PMC-Sierra, Inc PM5356 Datasheet HTML 3Page - PMC-Sierra, Inc PM5356 Datasheet HTML 4Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 4 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
i
CONTENTS
1
FEATURES ..................................................................................................................................... 1
1.1
GENERAL ........................................................................................................................ 1
1.2
THE SONET RECEIVER .................................................................................................. 2
1.3
THE RECEIVE ATM PROCESSOR.................................................................................. 2
1.4
THE SONET TRANSMITTER........................................................................................... 3
1.5
THE TRANSMIT ATM PROCESSOR ............................................................................... 4
2
APPLICATIONS .............................................................................................................................. 5
3
REFERENCES ............................................................................................................................... 6
4
DEFINITIONS ................................................................................................................................. 7
5
APPLICATION EXAMPLES .......................................................................................................... 10
6
BLOCK DIAGRAM ........................................................................................................................ 13
7
DESCRIPTION ............................................................................................................................. 14
8
PIN DIAGRAM .............................................................................................................................. 16
9
PIN DESCRIPTION ...................................................................................................................... 17
9.1
SERIAL LINE SIDE INTERFACE SIGNALS ................................................................... 17
9.2
PARALLEL LINE SIDE INTERFACE SIGNALS - CRU AND CSU BYPASS ................... 19
9.3
CLOCKS AND ALARMS SIGNALS................................................................................. 22
9.4
ATM (UTOPIA) SYSTEM INTERFACE ........................................................................... 24
9.5
MICROPROCESSOR INTERFACE SIGNALS ............................................................... 31
9.6
JTAG TEST ACCESS PORT (TAP) SIGNALS ................................................................ 33
9.7
ANALOG SIGNALS ........................................................................................................ 34
9.8
POWER AND GROUND................................................................................................. 35
10
FUNCTIONAL DESCRIPTION...................................................................................................... 41
10.1
RECEIVE LINE INTERFACE (CRSI-622)....................................................................... 41
10.2
RECEIVE SECTION OVERHEAD PROCESSOR (RSOP)............................................. 43
10.3
RECEIVE LINE OVERHEAD PROCESSOR (RLOP) ..................................................... 45
10.4
THE RECEIVE APS, SYNCHRONIZATION EXTRACTOR AND BIT ERROR MONITOR
(RASE) ........................................................................................................................... 46
10.5
RECEIVE PATH OVERHEAD PROCESSOR (RPOP).................................................... 47
10.6
RECEIVE ATM CELL PROCESSOR (RXCP) ................................................................. 52



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com