Electronic Components Datasheet Search
  English  ▼

X  

PM7364 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # PM7364
Description  Frame Engine and Datalink Manager
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7364 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

  PM7364 Datasheet HTML 1Page - PMC-Sierra, Inc PM7364 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 2 page
background image
RELEASED
PM7364 FREEDM-32
DATA SHEET
PMC-1960758
ISSUE 6
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
viii
REGISTER 0X388 : THDL INDIRECT CHANNEL DATA #2 ............................209
REGISTER 0X38C : THDL INDIRECT CHANNEL DATA #3 ...........................212
REGISTER 0X3A0 : THDL INDIRECT BLOCK SELECT ................................217
REGISTER 0X3A4 : THDL INDIRECT BLOCK DATA .....................................219
REGISTER 0X3B0 : THDL CONFIGURATION ...............................................221
REGISTER 0X400 : TCAS INDIRECT LINK AND TIME-SLOT SELECT ........223
REGISTER 0X404 : TCAS INDIRECT CHANNEL DATA ................................225
REGISTER 0X408 : TCAS FRAMING BIT THRESHOLD ...............................227
REGISTER 0X40C : TCAS IDLE TIME-SLOT FILL DATA...............................229
REGISTER 0X410 : TCAS CHANNEL DISABLE ............................................231
REGISTER 0X480 : TCAS LINK #0 CONFIGURATION .................................233
REGISTER 0X484-0X488 : TCAS LINK #1 TO LINK #2 CONFIGURATION ..235
REGISTER 0X48C : TCAS LINK #3 CONFIGURATION.................................237
REGISTER 0X490-0X4FC : TCAS LINK #4 TO LINK #31 CONFIGURATION239
REGISTER 0X500 : PMON STATUS ..............................................................241
REGISTER 0X504 : PMON RECEIVE FIFO OVERFLOW COUNT................243
REGISTER 0X508 : PMON RECEIVE FIFO UNDERFLOW COUNT .............245
REGISTER 0X50C : PMON CONFIGURABLE COUNT #1.............................247
REGISTER 0X510 : PMON CONFIGURABLE COUNT #2 .............................249
REGISTER 0X00 : VENDOR IDENTIFICATION/DEVICE IDENTIFICATION..252
REGISTER 0X04 : COMMAND/STATUS ........................................................253
REGISTER 0X08 : REVISION IDENTIFIER/CLASS CODE............................257
REGISTER 0X0C : CACHE LINE SIZE/LATENCY TIMER/HEADER TYPE ...258
REGISTER 0X10 : CBI MEMORY BASE ADDRESS REGISTER...................259



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com