Electronic Components Datasheet Search
  English  ▼

X  

PM7385 Datasheet(PDF) 10 Page - PMC-Sierra, Inc

Part # PM7385
Description  Frame Engine and Data Link Manager
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 10 Page - PMC-Sierra, Inc

  PM7385 Datasheet HTML 1Page - PMC-Sierra, Inc PM7385 Datasheet HTML 2Page - PMC-Sierra, Inc PM7385 Datasheet HTML 3Page - PMC-Sierra, Inc PM7385 Datasheet HTML 4Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 4 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
· Single-chip multi-channel HDLC controller with a 50 MHz, 16 bit “Any-PHY”
Packet Interface (APPI) for transfer of packet data using an external
controller.
· Supports up to 672 bi-directional HDLC channels assigned to a maximum of
84 channelised or unchannelised links conveyed via a Scaleable Bandwidth
Interconnect (SBI) interface.
· Data on the SBI interface is divided into 3 Synchronous Payload Envelopes
(SPEs). Each SPE can be configured independently to carry data for either
28 T1/J1 links, 21 E1 links, or 1 unchannelised DS-3 link.
· Links in an SPE can be configured individually to operate in clear channel
mode, in which case, all framing bit locations are assumed to be carrying
HDLC data.
· Links in an SPE can be configured individually to operate in channelised
mode, in which case, the number of time-slots assigned to an HDLC channel
is programmable from 1 to 24 (for T1/J1 links) and from 1 to 31 (for E1 links).
· Supports three bi-directional HDLC channels each assigned to an
unchannelised link with arbitrary rate link of up to 51.84 MHz when SYSCLK
is running at 45 MHz. Each link may be configured individually to replace one
of the SPEs conveyed on the SBI interface.
· For each channel, the HDLC receiver supports programmable flag sequence
detection, bit de-stuffing and frame check sequence validation. The receiver
supports the validation of both CRC-CCITT and CRC-32 frame check
sequences.
· For each channel, the receiver checks for packet abort sequences, octet
aligned packet length and for minimum and maximum packet length. The
receiver supports filtering of packets that are larger than a user specified
maximum value.
· Alternatively, for each channel, the receiver supports a transparent mode
where each octet is transferred transparently on the receive APPI. For
channelised links, the octets are aligned with the receive time-slots.
· For each channel, time-slots are selectable to be in 56 kbits/s format or 64
kbits/s clear channel format.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com