Electronic Components Datasheet Search
  English  ▼

X  

PM8620 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # PM8620
Description  20G Narrowband Switch Element
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8620 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

  PM8620 Datasheet HTML 1Page - PMC-Sierra, Inc PM8620 Datasheet HTML 2Page - PMC-Sierra, Inc PM8620 Datasheet HTML 3Page - PMC-Sierra, Inc PM8620 Datasheet HTML 4Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 4 page
background image
NSE-20G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
8
Document ID: PMC-2000170, Issue 3
List of Figures
Figure 1 An OC-48 T1/E1 ADM (Individually Drop/Add any T1/E1 in STS-48) ..............14
Figure 2 An OC-48 T1/E1 ADM (Drop/Add up to STS-48 at STS-1 Granularity)............14
Figure 3 Any-Service-Any-Port TDM Access Solution ....................................................15
Figure 4 Any-Service-Any-Port DS0-Granularity PHY Card ...........................................16
Figure 5 NSE-20G Block Diagram Showing TSBs..........................................................17
Figure 6 NSE-20G UBGA-480 Ball Diagram (Bottom-View)...........................................20
Figure 7 Analog Power Filter Circuit................................................................................42
Figure 8 Generic LVDS Link Block Diagram ...................................................................43
Figure 9 Character Alignment State Machine .................................................................50
Figure 10 Frame Alignment State Machine.....................................................................51
Figure 11 In-Band Signaling Channel Message Format .................................................55
Figure 12 In-Band Signaling Channel Header Format....................................................55
Figure 13 Input Observation Cell (IN_CELL) ................................................................138
Figure 14 Output Cell (OUT_CELL) ..............................................................................139
Figure 15 Bidirectional Cell (IO_CELL) .........................................................................139
Figure 16 Layout of Output Enable and Bidirectional Cells...........................................139
Figure 17 Shutting down a link ......................................................................................141
Figure 18 “C1” Synchronization Control........................................................................143
Figure 19 TEMUX-84™/SBS/NSE/SBS/AAL1GATOR-32™ system DS0
Switching with CAS.......................................................................................144
Figure 20 CAS Multiframe timing ..................................................................................145
Figure 21 Switch Timing DSOs with CAS .....................................................................145
Figure 22 TEMUX-84/SBS/NSE/SBS/FREEDM-336 system DS0 Switching no
CAS...............................................................................................................146
Figure 23 Switch Timing - DSOs without CAS ..............................................................147
Figure 24 Non DS0 Switch Timing ................................................................................148
Figure 25 Architecture of the RAM Input Interface........................................................150
Figure 26 C1 Position in the First Row..........................................................................155
Figure 27 Transport Overhead Affected by ILC ............................................................161
Figure 28 Example Graph .............................................................................................164
Figure 29 Time Space Time Switching in one NSE-20G and four Single-Ported
SBSs .............................................................................................................164
Figure 30 Example Graph .............................................................................................166
Figure 31 Example Problem..........................................................................................167



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com