Electronic Components Datasheet Search
  English  ▼

X  

AMC7150 Datasheet(PDF) 7 Page - ADDtek Corp

Part # AMC7150
Description  1.5A POWER LED DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7150 Datasheet(HTML) 7 Page - ADDtek Corp

  AMC7150_1 Datasheet HTML 1Page - ADDtek Corp AMC7150_1 Datasheet HTML 2Page - ADDtek Corp AMC7150_1 Datasheet HTML 3Page - ADDtek Corp AMC7150_1 Datasheet HTML 4Page - ADDtek Corp AMC7150_1 Datasheet HTML 5Page - ADDtek Corp AMC7150_1 Datasheet HTML 6Page - ADDtek Corp AMC7150_1 Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AMC7150
Copyright
© 2006 ADDtek Corp.
7
DD034_A
--
JUNE 2006
IMPORTANT NOTICE
ADDtek reserves the right to make changes to its products or to discontinue any integrated circuit product or service
without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing
orders, that the information being relied on is current.
A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe
property or environmental damage.
ADDtek integrated circuit products are not designed, intended, authorized, or
warranted to be suitable for use in life-support applications, devices or systems or other critical applications.
Use of
ADDtek products in such applications is understood to be fully at the risk of the customer.
In order to minimize risks
associated with the customer’s applications, the customer should provide adequate design and operating safeguards.
ADDtek assumes to no liability to customer product design or application support. ADDtek warrants the performance of
its products to the specifications applicable at the time of sale.
ADDtek Corp.
9F, No. 20, Sec. 3, Bade Rd., Taipei, Taiwan, 105
TEL: 2-25700299
FAX: 2-25700196


Similar Part No. - AMC7150_1

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7150 ADDTEK-AMC7150 Datasheet
336Kb / 12P
   1.5A Power LED Driver
September 1, 2006
More results

Similar Description - AMC7150_1

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7150 ADDTEK-AMC7150 Datasheet
336Kb / 12P
   1.5A Power LED Driver
September 1, 2006
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
   40V 1.5A BUCK LED DRIVER
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Diodes Incorporated
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
   40V 1.5A BUCK LED DRIVER
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
   1.5A LED driver with internal switch
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
   1.5A LED Driver with internal switch
logo
Skyworks Solutions Inc.
AAT1274 SKYWORKS-AAT1274 Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com