Electronic Components Datasheet Search
  English  ▼

X  

AMC7169 Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC7169
Description  500mA LED PROTECTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7169 Datasheet(HTML) 5 Page - ADDtek Corp

  AMC7169 Datasheet HTML 1Page - ADDtek Corp AMC7169 Datasheet HTML 2Page - ADDtek Corp AMC7169 Datasheet HTML 3Page - ADDtek Corp AMC7169 Datasheet HTML 4Page - ADDtek Corp AMC7169 Datasheet HTML 5Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AMC7169
Copyright
© 2006 ADDtek Corp.
5
DD073_A
--
JUNE 2006
IMPORTANT NOTICE
ADDtek reserves the right to make changes to its products or to discontinue any integrated circuit product or service
without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing
orders, that the information being relied on is current.
A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe
property or environmental damage.
ADDtek integrated circuit products are not designed, intended, authorized, or
warranted to be suitable for use in life-support applications, devices or systems or other critical applications.
Use of
ADDtek products in such applications is understood to be fully at the risk of the customer.
In order to minimize risks
associated with the customer’s applications, the customer should provide adequate design and operating safeguards.
ADDtek assumes to no liability to customer product design or application support. ADDtek warrants the performance of
its products to the specifications applicable at the time of sale.
ADDtek Corp.
9F, No. 20, Sec. 3, Bade Rd., Taipei, Taiwan, 105
TEL: 2-25700299
FAX: 2-25700196


Similar Part No. - AMC7169

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
   White/Blue LED Driver for Li-Ion Battery Application
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
   WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
AMC7110ADBF ADDTEK-AMC7110ADBF Datasheet
199Kb / 10P
   WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
List of Unclassifed Man...
AMC7110DB ETC1-AMC7110DB Datasheet
115Kb / 1P
   White/Blue LED Driver for Li-Ion Battery Application
logo
ADDtek Corp
AMC7110DBF ADDTEK-AMC7110DBF Datasheet
199Kb / 10P
   WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
More results

Similar Description - AMC7169

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
LSP0600BJR-S BOURNS-LSP0600BJR-S Datasheet
293Kb / 6P
   LED Shunt Protector
LSP0600 BOURNS-LSP0600 Datasheet
281Kb / 3P
   LED Shunt Protector
LSP0600BJR-S BOURNS-LSP0600BJR-S_12 Datasheet
284Kb / 3P
   LED Shunt Protector
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
SPD480-10 LEIDITECH-SPD480-10 Datasheet
306Kb / 2P
   LED power surge protector
SPD277-10 LEIDITECH-SPD277-10 Datasheet
404Kb / 3P
   LED power surge protector
SPD480-20 LEIDITECH-SPD480-20 Datasheet
327Kb / 2P
   LED power surge protector
logo
Diodes Incorporated
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
   500mA LED Step-down Converter
AP8801 Rev. 4
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
   500mA Camera LED Charge Pump
logo
Diodes Incorporated
AP8801 DIODES-AP8801 Datasheet
158Kb / 11P
   500mA LED Step-Down Converter
AP8801 Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com