Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5030 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5030
Description  Low Power Optical Mouse Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5030 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5030 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image

Regulatory Requirements
• Passes FCC B and worldwide analogous emission
limits when assembled into a mouse with
shielded cable and following Avago Technologies
recommendations.
• Passes IEC-1000-4-3 radiated susceptibility level when
assembled into a mouse with shielded cable and
following Avago Technologies recommendations.
• Passes EN61000-4-4/IEC801-4 EFT tests when
assembled into a mouse with shielded cable
and following Avago Technologies recom-
mendations.
• UL flammability level UL94 V-0.
• Provides sufficient ESD creepage/clearance distance
to avoid discharge up to 15 kV when assembled into a
mouse using ADNS-5100 round lens according to usage
instructions above.
Absolute Maximum Ratings
Parameter
Symbol
Minimum Maximum
Units
Notes
Storage Temperature
TS
-40
85
ºC
Lead Solder Temperature
260
ºC
Supply Voltage
VDD
-0.5
3.7
V
ESD
2
kV
All pins, human body model MIL 883
Method 3015
Input Voltage
VIN
-0.5
VDD + 0.5
V
All I/O pins
Output Current
Iout
7
mA
MISO pin
Recommended Operating Conditions
Parameter
Symbol Minimum Typical Maximum Units
Notes
Operating Temperature
TA
0
40
ºC
Power Supply
VDD
3.0
3.3
3.6
V
Power Supply Rise Time
VRT
0.005
100
ms
0 to VDD min
Supply Noise (Sinusoidal)
VNA
100
mVp-p
10 kHz - 50 MHz
Serial Port Clock Frequency
fSCLK
1
MHz
50% duty cycle
Distance from Lens Reference Plane
Z
2.3
2.4
2.5
mm
to Tracking Surface (Z)
Speed
S
0
14
ips
Acceleration
a
2
G
Load Capacitance
Cout
100
pF
MISO


Similar Part No. - ADNS-5030

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-5030 BOARDCOM-ADNS-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-5030

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
   Ultra Low Power LED Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com