Electronic Components Datasheet Search
  English  ▼

X  

P6SMB220 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # P6SMB220
Description  Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6SMB220 Datasheet(HTML) 3 Page - Diotec Semiconductor

  P6SMB220 Datasheet HTML 1Page - Diotec Semiconductor P6SMB220 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
P6SMB220 ... P6SMB550CA
1
1
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
3
120
100
80
60
40
20
0
[%]
P
PP
[°C]
T
A
150
100
50
0
I
PP
Peak pulse power/current vs. ambient temperature )
Impuls-Spitzenleistung/Strom vs. Umgebungstemp. )
1
1
10
10
1
0.1
2
P
PP
0.1µs
t
1µs
10µs
100µs
1ms
10ms
P
[kW]
Non repetitive peak pulse power versus pulse width (10/1000 wave form)
Einzel-Impuls-Spitzenleistung in Abh. von der Pulsdauer (10/1000-Impuls)
10/1000µs - pulse waveform
10/1000µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
1
2
3
4
[ms]
[%]
t
P
I/2
PPM
P/2
PPM
t = 10 µs
r



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com