| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 326 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 326 Page - Freescale Semiconductor, Inc |
|
326 / 1386 page ![]() PCI Bridge MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 9-18 Freescale Semiconductor 9.9.1.5.2 Error Reporting Except for setting the detected-parity-error bit, all parity error reporting and response is controlled by the parity-error-response bit (see Section 9.11.2.3, “PCI Bus Command Register”). If the parity-error-response bit is cleared, the PCI bridge completes all transactions regardless of parity errors (address or data). If the bit is set, the PCI bridge asserts PERR two clocks after the actual data transfer in which a data parity error is detected, and keeps PERR asserted for one clock. The PCI bridge asserts PERR when acting as an initiator during a read transaction or as a target involved in a write to system memory. Figure 9-9 shows the possible assertion points for PERR if the PCI bridge detects a data parity error. Figure 9-9. PCI Parity Operation As an initiator, the PCI bridge attempts to complete the transaction on the PCI bus if a data parity error is detected and sets the data-parity-reported bit in the configuration space status register. If a data parity error occurs on a read transaction, the PCI bridge aborts the transaction internally. As a target, the PCI bridge completes the transaction on the PCI bus even if a data parity error occurs. If parity error occurs during a write to system memory, the transaction completes on the PCI bus but is aborted internally, insuring that potentially corrupt data does not go to memory. When the PCI bridge asserts SERR, it sets the signaled-system-error bit in the configuration space status register. Additionally, if the error is an address parity error, the parity-error-detected bit is set; reporting an address parity error on SERR is conditioned on the parity-error-response bit being enabled in the command register. SERR is asserted when the PCI bridge detects an address parity error while acting as a target. The system error is passed to the PCI bridge’s interrupt processing logic to assert MCP. Figure 9-9 shows where the PCI bridge could detect an address parity error and assert SERR or where the PCI bridge, acting as an initiator, checks for the assertion of SERR signaled by the target detecting an address parity error. ADDR PCI_CLK AD[31:0] PCI_C/BE[3:0] FRAME IRDY DEVSEL TRDY PAR PERR SERR DATA ADDR DATA CMD BEs CMD BEs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |