Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 826 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 826 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 825Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 826Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 827Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 828Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 829Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 830Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 826 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-10
Freescale Semiconductor
If USEP1[RTE] is 1, the USB host controller uses a transaction-level interface to communicate with the
user. Each transaction uses one TrBD as described in Section 27.6.4, “USB Transaction Buffer Descriptor
(TrBD) for Host.” The USB host controller generates the token based on the TOK field in the TrBD. For
SETUP and OUT transactions, the TrBD points to a single buffer containing the data packet to be
transmitted. For IN transactions, the TrBD points to a single buffer which is used for the receive data
packet.
Table 27-3. USB Tokens
Token
Description
OUT
Packet-Level Interface
Transaction-Level Interface
Transmission begins when the USB host
controller fetches a TxBD containing OUT token
and a data TxBD and loads them to the host
FIFO. The token and data are transmitted and a
handshake is expected.
If a handshake is not received within the
expected time interval, the USB controller clears
TxBD[R] of data BD, sets the TxBD[TO]
indication and generates a TXE1 interrupt.
When STALL or NAK is received within the
expected time interval, the USB controller clears
TxBD[R] of data BD, sets the TxBD[STALL] or
TXBD[NAK] indication and generates a TXE1
interrupt. When ACK is received within the
expected time interval, the USB controller clears
TxBD[R] of data BD, and generates an interrupt
if TxBD[I] = 1.No indication is set.
The token TxBD[R] is cleared right after the
OUT token transmission.
Transmission begins when the USB host controller
fetches a TrBD with the TOK field indicating an OUT
transaction. The token is generated and then the data
packet from the buffer is transmitted and a handshake
is expected.
If a handshake is not received within the expected time
interval, the USB controller clears TrBD[R], sets the
TrBD[TO] indication and generates a TXE1 interrupt.
When STALL or NAK is received within the expected
time interval, the USB controller clears TrBD[R], sets
the TrBD[STALL] or TrBD[NAK] indication and
generates a TXE1 interrupt. When ACK is received
within the expected time interval, the USB controller
clears TrBD[R], and generates a TXB interrupt if
TrBD[I] = 1.No indication is set.
USB Out Transaction
Token
Data
Handshake Received
by Function
Indication on TxBD/TrBD
OUT
Sent by host
None
TO
ACK
None
NAK
NAK
STALL
STALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com