Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 843 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 843 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 839Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 841Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 842Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 843Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 846Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 847Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 843 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-27
Data length (the second half word of a TxBD) is the number of octets the CP should send from this BD’s
data buffer. It is never modified by the CP.
Tx buffer pointer (the third and fourth half words of a TxBD) always points to the first location of the
buffer in internal or external memory. The pointer may be even or odd.
27.6.3
USB Transmit Buffer Descriptor (Tx BD) for Host
The Tx BD described in this section is used when the packet-level interface is active. See Section 27.5.1.1,
“Packet-Level Interface,” for more information.
Data to be transmitted with the USB to the CP by is arranged in buffers referenced by the Tx BD ring. The
first word of the Tx BD contains status and control bits.
6
CNF
Transmit confirmation. Valid only when the L bit is set; otherwise it is ignored.
Applies to multi-frame enabled endpoints (USEP
n[MF] = 1); refer to
Section 27.5.7.3, “USB Endpoint Registers (USEP1–USEP4).”
0 Continue to load the transmit FIFO with the next packet. Several packets may be
loaded to the FIFO.
1 Last packet that is loaded to FIFO. No more packets will be loaded to fifo after a
packet marked CNF, till it transmitted.
7
Reserved, should be cleared
8–9
PID
Packet ID. This bit field is valid for the first BD of a packet; otherwise it is ignored.
0X Do not append PID to the data.
10 Transmit DATA0 PID before sending the data.
11 Transmit DATA1 PID before sending the data.
10–12
—
Reserved, should be cleared
13
TO
Time out. Indicates that the host failed to acknowledge the packet.
14
UN
Underrun. Indicates that the USB encountered a transmitter underrun condition
while sending the buffer.
15
—
Reserved, should be cleared
0x02
0–15
Data length The data length is the number of octets that the CP should transmit from this BD’s
data buffer. It is never modified by the CP. This value should normally be greater than
zero.
0x04
0–31
Tx data
buffer
pointer
The transmit buffer pointer, which always points to the first location of the associated
data buffer, may be even or odd.The buffer may reside in either internal or external
memory.
Table 27-17. USB Function Tx BD Fields (continued)
Offset
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com