| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1110 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1110 Page - Freescale Semiconductor, Inc |
|
1110 / 1386 page ![]() ATM AAL2 MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 33-4 Freescale Semiconductor — A separate queue for every VP | VC | CID or a common queue for multiple VP | VC | CID combinations — Receive one or multiple VP | VC | CIDs directly to a specific TX queue to enable switching — Sequence number (SN) protection check for CPS-PDU — CRC5 (HEC) check to detect errors in the CPS-PH of the CPS-Packet — OSF (offset field) of the STF (start of frame) check (a valid value is less than 48) — An SDU length limit parameter (Max_SDU_Deliver_Length) per ATM VC — Odd parity check for the STF octet of the CPS-PDU • CPS Transmitter — Reassemble CPS PDU directly from external memory — Perform CPS-PDU padding as needed — Insert Sequence Number bit of the CPS-PDU — Parity bit is calculated to provide odd parity over the STF octet — Calculation of CRC-5 on the first 19 bits of the CPS-PH — UUI field in the CPS-Packet header is programmed according to the value of the CPS_UUI parameter (per packet) — A free running counter (per TX Queue) is decremented for each packet sent. • SSSAR Receiver — Reassemble CPS packets from the same CID into an SSSAR SDU — A separate queue for every PHY | VP | VC | CID — Perform all the above mentioned CPS receiver functions — A Ras_Timer mode is provided. When the Ras_Timer expires the buffer is closed with a timer expired error. The next packet received starts a new SSSAR SDU in a new buffer. — The SDU length is checked. If the frame exceeds the length limit (SSSAR_Max_SDU_Length), the receiver discards the rest of the packets from the current frame, closes the buffer and reports a Max_SDU violation error in the BD. The next packet received starts a new SSSAR SDU in a new buffer. — Partial Packet Discard. If no buffer is available when a packet arrives, the receiver enters a frame hunt state and discards each incoming packet from the current frame. — The UUI field is stored for the host into the RxBD after receiving the whole SSSAR frame. • SSSAR Transmitter — Segmentation of SSSAR SDUs from SSSAR TX queue into CPS packets — An SSSAR TX queue may contain several CIDs — Performs all the above mentioned CPS transmitter functions — A programmable segment length (Seg_Len) is copied from the SSSAR SDU into the CPS packet payload, except for when at the end of the frame or buffer. — UUI mode available. When UUI mode is enabled, the SSSAR UUI is copied from the byte following the last byte of the frame. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |