| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1128 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1128 Page - Freescale Semiconductor, Inc |
|
1128 / 1386 page ![]() ATM AAL2 MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 33-22 Freescale Semiconductor Figure 33-14. AAL2 Switching A partial packet discard mode is provided for the AAL2 switched channels that perform end-to-end SSSAR. When this mode is enabled (switch RxQD[PPD]=1), if no buffer is available to receive a packet in the middle of a frame, the subsequent middle packets of the SSSAR SDU are discarded. When the last packet of the SSSAR SDU arrives, the receiver attempts to re-open a buffer. A number-of-packets-in-queue counter is available in the TxQD. The CP increments the counter for each packet received and decrements it for each packet sent. The host can poll the counter periodically to verify that the switching queues are not over-loaded. On any open BD that is partially filled, the receiver sets the UP (Un-complete packet) bit. When the packet is fully received during a normal error-free operation, the UP mark is removed, the Empty bit is set, and operation continues. However, if an error is detected by the receiver, the Empty bit is set and the UP bit remains set. In such a case, the transmitter skips this BD and proceeds to the next one. If for any reason the receiver that was in the middle of the BD stopped receiving traffic, the UP bit remains set and the Empty bit is cleared. Another receiver using the same BD ring monitors the UP bit in addition to the Empty bit. If the UP bit is set, the other receiver does not proceed with the reception and gives a Busy interrupt. See Figure 33-17. The receiver that is in a “stuck” state marks the BD with the receiver channel code that received the partial packet so that the host intervention is easier if needed. See Figure 33-19. If the TBNR Time Out CNT mechanism is used, the transmitter advances after it tries to transmit the same BD with UP set after a given amount of attempts. The BD will be freed up for use. Refer to the TBNR Time Out CNT description in Table 33-6. 33.4.4 AAL2 RX Data Structures The following sections describe the receive connection tables and the structures in which CPS packets and SSSAR SDUs are stored in memory. TxQD TxBD table TxBD table Tx buffers Tx buffers CID mapping table Offset RxQD table Switch RxQD Switch RxQD CID71 CID mapping table Offset CID14 SW=1 TxQD SW=1 ATM Rx VC1 ATM Rx VC2 ATM Tx VC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |