Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 1242 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1242 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1246Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1242 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
36-8
Freescale Semiconductor
When flow-control mode is enabled (FPSMRx[FCE]) and the receiver identifies a pause-flow control
frame sent to individual or broadcast addresses, transmission stops for the time specified in the control
frame. During this pause, only the out-of-sequence frame is sent. Normal transmission resumes after the
pause timer stops counting. If another pause-control frame is received during the pause, the period changes
to the new value received.
36.7
CAM Interface
The MPC8280 internal address recognition logic can be used in combination with an external CAM. When
using a CAM, the FCC must be in promiscuous mode (FPSMRx[PRO] = 1). See Section 36.12, “Ethernet
Address Recognition.”
The Ethernet controller writes two 32-bit accesses to the CAM and then reads the result in a 32-bit access.
If the high bit of the result is set, the frame is rejected; otherwise, the lower 16 bits are attached to the end
of the frame.
When an external CAM is used for address filtering, users can choose to either discard rejected frames
(FPSMR[ECM] = 0) or receive rejected frames and signal the CAM miss in the RxBD
(FPSMR[ECM] = 1).
NOTE
The bus atomicity mechanism for CAM accesses may not function correctly
when the CPM performs a DMA access to an external CAM device. This
only impacts systems in which multiple CPMs will access the CAM.
36.8
Ethernet Parameter RAM
For Ethernet mode, the protocol-specific area of the FCC parameter RAM is mapped as in Table 36-2.
2
Length/type
88-08
Control frame type
2
MAC opcode
00-01
Pause command
2
MAC parameter
up to
0xFFFE
Pause period measured in slot times, most-significant
octet first with a two time-slot resolution.
Note: Because the pause period has a resolution of two
time slots, the value programmed in this field is rounded
up to the nearest even number before being used, as
follows:
MAC Parameter ValuePause Period
0
none
1 or 2 2 x slot time
3 or 4 4 x slot time
……
42
Reserved
—
4
FCS
Frame check sequence (CRC)
Table 36-1. Flow Control Frame Structure (continued)
Size [Octets]
Description
Value
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com