Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 214 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 214 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 211Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 212Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 213Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 214Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 215Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 216Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 217Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 218Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-42
Freescale Semiconductor
4.3.2.12
Local Bus Transfer Error Status and Control Register 1 (L_TESCR1)
The local bus transfer error status and control register 1 (L_TESCR1) is shown in Figure 4-33.
The L_TESCR1 register bits are described in Table 4-17.
01
23
4
5
6
7
9
10
11
15
Field
BM
—
PAR
—
WP
—
TC
—
TT
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10048
16
17
18
19
20
21
31
Field
—
DMD
—
DER
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x1004A
Note: Bits 0–15 and 19–23 are status bits and are cleared by writing 1s.
Figure 4-33. Local Bus Transfer Error Status and Control Register 1 (L_TESCR1)
Table 4-17. L_TESCR1 Field Descriptions
Bits
Name
Description
0
BM
Bus monitor time-out. Indicates that TEA was asserted due to the local bus monitor time-out.
1
—
Reserved, should be cleared.
2
PAR
Parity error. Indicates that MCP was asserted due to parity error on the local bus. L_TESCR2[PB]
indicates the byte lane that caused the error and L_TESCR2[BNK] indicates which memory
controller bank was accessed.
3–4
—
Reserved, should be cleared.
5
WP
Write protect error. Indicates that a write was attempted to a local bus memory region that was
defined as read-only in the memory controller. Note that this alone does not cause TEA assertion.
Usually, in this case, the bus monitor will time-out.
6
—
Reserved, should be cleared.
7–9
TC
Transfer code. Indicates the transfer code of the local bus transaction that caused the TEA.
000 60x-local bridge
001 Reserved
010 Local DMA function code 0
011 Local DMA function code 1
1xx Reserved
10
—
Reserved, should be cleared.
11–15
TT
Transfer type. Indicates the transfer type of the local bus transaction that caused the TEA.
Section 8.4.3.1, “Transfer Type Signal (TT[0–4]) Encoding,” describes the various transfer types.
16
—
Reserved, should be cleared.
17
DMD
Data errors disable. Setting this bit disables parity errors on the local bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com