Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 220 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 220 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 216Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 217Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 218Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 219Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 220Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 221Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 222Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 223Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 224Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-48
Freescale Semiconductor
4.3.3.3
Periodic Interrupt Timer Register (PITR)
The periodic interrupt timer register (PITR), shown in Figure 4-40, is a read-only register that shows the
current value in the periodic interrupt down counter. The PITR counter is not affected by reads or writes
to it.
Table 4-23 describes PITR fields.
4.3.4
PCI Control Registers
Two pairs of registers detect accesses from the 60x bus side to the PCI bridge (other than PCI internal
registers accesses). Each pair consists of a PCI base register (PCIBRx) for comparing addresses and a
corresponding PCI mask register (PCIMSKx).
0
15
Field
PIT
Reset
0000_0000_0000_0000
R/W
Read Only
Addr
0x10248
16
31
Field
—
Reset
0000_0000_0000_0000
R/W
Read Only
Addr
0x1024A
Figure 4-40. Periodic Interrupt Timer Register (PITR)
Table 4-23. PITR Field Descriptions
Bits
Name
Description
0–15
PITC
Periodic interrupt timing count. Bits 0–15 are defined as the PIT. It contains the current count
remaining for the periodic timer. Writes have no effect on this field.
16–31
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com