Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 254 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 254 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 250Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 251Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 258Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
6-12
Freescale Semiconductor
L_A24
PCI_REQ1
CPCI_HS_ES
Local bus address 24—Local bus address bit 24 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI arbiter request 1—PCI request 1 input pin. When the MPC8280’s internal PCI arbiter is used,
assertion of this pin indicates that an external PCI device is requesting the PCI bus.
CompactPCI Hot Swap Ejector Switch—Hot Swap Ejector Switch input pin. In a CompactPCI
system, when the MPC8280’s internal PCI arbiter is not used, this pin is used for the Hot Swap
interface to connect to the ejector switch logic.
0 Switch is closed
1 Switch is open
Important note: When functioning as the CPCI_HS_ES input, this signal must be filtered
(debounced) by an external circuit. Do not connect this input directly to the ejector switch. The
input must be a monotonically rising/falling signal.
L_A25
PCI_GNT0
Local bus address 25—Local bus address bit 25 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI arbiter grant 0—PCI grant 0 input/output pin. When the MPC8280’s internal PCI arbiter is
used, this is an output pin. In this mode, assertion of PCI_GNT0 indicates that an the external
PCI device that requested the PCI bus with PCI_REQ0 is granted the bus. When an external PCI
arbiter is used, this is an input pin. In this mode, assertion of PCI_GNT0 indicates that the
MPC8280’s PCI interface is granted the PCI bus.
L_A26
PCI_GNT1
CPCI_HS_LED
Local bus address 26—Local bus address bit 26 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI arbiter grant 1—PCI grant 1 output pin. When the MPC8280’s internal PCI arbiter is used,
assertion of PCI_GNT1 indicates that the external PCI device that requested the PCI bus with
PCI_REQ1 pin is granted the bus.
CompactPCI Hot Swap LED—Hot Swap LED output pin. In CompactPCI system, when the
MPC8280’s internal PCI arbiter is not used, this pin is used for the Hot Swap interface to connect
to the Hot Swap LED. The Hot Swap pins are not available when the internal arbiter is used.
0 LED is off
1 LED is on
L_A27
PCI_GNT2
CPCI_HS_ENUM
Local bus address 27—Local bus address bit 27 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI arbiter grant 2—PCI grant 2 output pin. When the MPC8280’s internal PCI arbiter is used,
assertion of PCI_GNT2 indicates that the external PCI device that requested the PCI bus with
PCI_REQ2 pin is granted the bus.
CompactPCI Hot Swap Enumerator—Hot Swap ENUM output pin. In CompactPCI system, when
the MPC8280’s internal PCI arbiter is not used, this pin is used for the Hot Swap interface to
connect to the host as the enumeration request.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com