Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 260 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 260 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 264Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
7-2
Freescale Semiconductor
7.1
Signal Configuration
Figure 7-1 shows the 60x bus signal configuration grouping of the MPC8280.
NOTE
The MPC8280 hardware specifications provide a pinout showing numbers
of pins. These are shown in Figure 7-1.
Figure 7-1. Signal Groupings
7.2
Signal Descriptions
This section describes individual MPC8280 60x signals, grouped according to Figure 7-1. Note that the
following sections briefly summarize signal functions. Chapter 8, “The 60x Bus,” describes many of these
signals in greater detail, both in terms of their function and how groups of signals interact.
Bus Request (BR)
Bus Grant (BG)
Address Bus Busy (ABB)
Transfer Start (TS)
Address Parity (AP[0–3])
Transfer Size (TSIZ[0–3])
Transfer Burst (TBST)
Cache Inhibit (CI)
Write-Through (WT)
Address Acknowledge (AACK)
Address Retry (ARTRY)
Data Bus Grant (DBG)
Data Bus Busy (DBB)
Data (D[0–63])
Data Parity (DP[0–7])
Transfer Acknowledge (TA)
Transfer Error Acknowledge (TEA)
Reservation
1
1
1
1
1
64
8
1
1
1
4
5
4
1
1
1
1
1
Data
Data
Data
Processor
Address
Address
Address
Transfer
Attributes
Address
Termination
1
Transfer Type (TT[0–4])
Global (GBL)
1
TLBISYNC
1
Partial Data Valid Indication (PSDVAL)
1
3
Transfer Code (TC[0–2])
Address (A[0–31])
32
Address Parity Error (APE)
1
State
Termination
Transfer
Arbitration
Arbitration
Start
Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com