| Electronic Components Datasheet Search |
|
MPC8270 Datasheet(PDF) 267 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270 Datasheet(HTML) 267 Page - Freescale Semiconductor, Inc |
|
267 / 1386 page ![]() 60x Signals MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 7-9 7.2.4.5 Caching-Inhibited (CI)—Output The cache inhibit (CI) signal is an output signal on the MPC8280. Following are the state meaning and timing comments for CI. State Meaning Asserted—Indicates that the transaction in progress should not be cached. CI reflects the I bit (WIM bits) from the MMU except during certain transactions. Negated—Indicates that the transaction should be cached. Timing Comments Assertion/Negation—Same as A[0–31]. High Impedance—Same as A[0–31]. 7.2.4.6 Write-Through (WT)—Output The write-through (WT) signal is an output signal on the MPC8280. Following are the state meaning and timing comments for WT. State Meaning Asserted—Indicates that the transaction should operate in write-through mode. WT reflects the W bit (WIM bits) from the MMU except during certain transactions. WT may be asserted during read transactions. Negated—Indicates that the transaction should not operate in write-through mode. Timing Comments Assertion/Negation—Same as A[0–31]. High Impedance—Same as A[0–31]. 7.2.5 Address Transfer Termination Signals The address transfer termination signals are used to indicate either that the address phase of the transaction has completed successfully or must be repeated, and when it should be terminated. For detailed information about how these signals interact, see Section 7.2.5, “Address Transfer Termination Signals.” The address transfer termination signals have no meaning in internal only mode. 7.2.5.1 Address Acknowledge (AACK) The address acknowledge (AACK) signal is an input/output on the MPC8280. 7.2.5.1.1 Address Acknowledge (AACK)—Output .Following are the state meaning and timing comments for AACK as an output signal. State Meaning Asserted—Indicates that the address tenure of a transaction is terminated. On the cycle following the assertion of AACK, the bus master releases the address-tenure-related signals to the high-impedance state and samples ARTRY. Negated—Indicates that the address bus and the transfer attributes must remain driven, if negated during ABB. Timing Comments Assertion—Occurs a programmable number of clocks after TS or whenever ARTRY conditions are resolved. Negation—Occurs one clock after assertion. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |