Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 297 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 297 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 293Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 301Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-21
Extended transfer mode is enabled by setting the BCR[ETM].
8.4.4
Address Transfer Termination
Address transfer termination occurs with the assertion of the address acknowledge (AACK) signal, or
retried with the assertion of ARTRY. ARTRY must remain asserted until one clock after AACK; the bus
clock cycle after AACK is called the ARTRY window. The MPC8280 controls assertion of AACK unless
the cycle is claimed by an external slave, such as an external L2 cache controller. Following the assertion
of L2_HIT, the L2 cache controller is responsible for asserting AACK. When AACK is asserted by the
external slave, it should be asserted for one clock cycle and then negated for one clock cycle before
entering a high-impedance state. The MPC8280 holds AACK in a high-impedance state until it is required
to assert AACK to terminate the address cycle.
The MPC8280 uses AACK to enforce a pipeline depth of one to its internal slaves.
8.4.4.1
Address Retried with ARTRY
The address transfer can be terminated with the requirement to retry if ARTRY is asserted during the
address tenure and through the cycle following AACK. The assertion causes the entire transaction (address
and data tenure) to be rerun. As a snooping device, the MPC8280 processor asserts ARTRY for a snooped
transaction that hits modified data in the data cache that must be written back to memory, or if the snooped
transaction could not be serviced. As a bus master, the MPC8280 responds to an assertion of ARTRY by
aborting the bus transaction and requesting the bus again, as shown in Figure 8-7. Note that after
recognizing an assertion of ARTRY and aborting the current transaction, the MPC8280 may not run the
same transaction the next time it is granted the bus.
7-Byte
x
x
0
0
0
Byte
6-Byte
x
x
0
0
1
x
x
00
1
x
x
0
10
x
x
00
0
Half
5-Byte
x
x
0
10
x
x
00
1
6-Byte
x
x
0
10
x
x
00
0
Word
3-Byte
x
x
1
00
x
x
00
1
4-Byte
x
x
1
00
xxxx
x
Double
Stop
Table 8-12. Address and Size State for Extended Transfers (continued)
Size State [0–3]
Address State[0–4]
Port Size
Next Size State [0–3]
Next Address State[0–4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com