Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 309 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 309 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 307Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 308Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 309Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 310Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 311Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 312Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 313Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-1
Chapter 9
PCI Bridge
The PCI bridge enables the MPC8280 to bridge PCI devices gluelessly to a processor that implements the
PowerPC architecture, to serve as a PCI interface for CompactPCI™ (CPCI) systems or as a basis for
passive PCI NIC implementations. In addition, multiple MPC8280 processors can interface with each
other over the PCI bus.
The key features of the PCI bridge are as follows:
•
PCI Specification Revision 2.2 compliant and supports frequencies up to 66 MHz
•
On-chip arbitration
•
Support for PCI-to-60x-memory and 60x-memory-to-PCI streaming
•
PCI host bridge or peripheral capabilities
•
Includes 4 DMA channels for the following transfers:
— PCI-to-60x to 60x-to-PCI
— 60x-to-PCI to PCI-to-60x
— PCI-to-60x to PCI-to-60x
— 60x-to-PCI to 60x-to-PCI
•
Includes all of the configuration registers required by the PCI standard as well as message and
doorbell registers
•
Supports the I2O standard
•
Hot-Swap friendly (supports the Hot Swap Specification as defined by PICMG 2.1 R1.0 August 3,
1998)
•
Support for 66 MHz, 3.3 V specification
•
Uses a buffer pool for the 60x-PCI bus interface
•
Makes use of the local bus signals to avoid the need for additional pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com