Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
1-11
1.6
MPC8280 Configurations
The MPC8280 offers flexibility in configuring the device for specific applications. The functions
mentioned in the above sections are all available in the device, but not all of them can be used at the same
time. This does not imply that the device is not fully activated in any given implementation: The CPM
architecture has the advantage of using common hardware resources for many different protocols, and
applications. Two physical factors limit the functionality in any given system—pinout and performance.
1.6.1
Pin Configurations
Some pins have multiple functions. Choosing one function may preclude the use of another. Information
about multiplexing constraints can be found in Chapter 16, “CPM Multiplexing,” and Chapter 41,
“Parallel I/O Ports.”
1.6.2
Serial Performance
Serial performance depends on a number of factors:
•
Serial rate versus CPM clock frequency for adequate sampling on serial channels
•
Serial rate and protocol versus CPM clock frequency for CP protocol handling
•
Serial rate and protocol versus bus bandwidth
•
Serial rate and protocol versus system core clock for adequate protocol handling
The second item above is addressed in this section—the CP’s ability to handle high bit-rate protocols in
parallel. Slow bit-rate protocols do not significantly affect those numbers.
Table 1-2 describes a few options to configure the fast communications channels on the MPC8280. The
frequency specified is the minimum CPM frequency necessary to run the mentioned protocols
concurrently at full-duplex.
Table 1-2. Serial Performance1
1 For the MPC8270 see Table 1-3.
FCC1
FCC2
FCC3
MCC
CPM Clock
(MHz)
60x Bus Clock
(MHz)
155-Mbps ATM
100 BaseT
100 BaseT
133
66
100 BaseT
100 BaseT
100 BaseT
133
66
155-Mbps ATM
128 * 64 Kbps channels
133
66
100 BaseT
100 BaseT
128 * 64 Kbps channels
133
66
155-Mbps ATM
256 * 64 Kbps channels
166
66
100 BaseT
256 * 64 Kbps channels
133
66
45-Mbps HDLC
256 * 64 Kbps
133
66
45-Mbps HDLC
100 BaseT
256 * 64 Kbps
166
66
100 BaseT
16 * 576 Kbps
166
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com