Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 179 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 179 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 175Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 176Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 177Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 178Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 179Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 180Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 183Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-7
Figure 4-7. Software Watchdog Timer Block Diagram
In Figure 4-7, the range is determined by SYPCR[SWTC]. The value in SWTC is then loaded into a 16-bit
decrementer clocked by the system clock. An additional divide-by-2,048 prescaler is used when needed.
The decrementer begins counting when loaded with a value from SWTC. After the timer reaches 0x0, a
software watchdog expiration request is issued to the reset or MCP control logic. Upon reset, SWTC is set
to the maximum value and is again loaded into the software watchdog register (SWR), starting the process
over. When a new value is loaded into SWTC, the software watchdog timer is not updated until the
servicing sequence is written to the SWSR. If SYPCR[SWE] is loaded with 0, the modulus counter does
not count.
4.2
Interrupt Controller
Key features of the interrupt controller include the following:
•
Communications processor module (CPM) interrupt sources (FCCs, SCCs, MCCs, timers, SMCs,
TC layers, I2C, IDMA, SDMA, and SPI)
•
SIU interrupt sources (PIT, TMCNT, and PCI)
•
24 external sources (16 port C and 8 IRQ)
•
Programmable priority between PIT, TMCNT, and PCI
•
Programmable priority between SCCs, FCCs, and MCCs
•
Two priority schemes for the SCCs: grouped, spread
•
Programmable highest priority request
•
Unique vector number for each interrupt source
Disable
Clock
SWR/Decrementer
Time-out
16-Bit
SYPCR[SWTC]
SWE
Service
Logic
Reload
Rollover = 0
Reset
SWSR
MUX
2,048
Bus
SWP
Clock
Divide By
or MCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com