Electronic Components Datasheet Search
  English  ▼

X  

TCP201 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TCP201
Description  CompactPCI Carrier for 4 IndustryPacks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP201 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TCP201 Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
The Embedded I/O Company
Order Information
RoHS Compliant
TCP201-10R
6U 4 Slot IndustryPack Carrier, HD50 connectors
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TCP201-DOC
User Manual
Software
CARRIER-SW-42 VxWorks IP Carrier Software Support (Legacy and VxBus-enabled Software Support)
CARRIER-SW-65 Windows IP Carrier Software Support
CARRIER-SW-82 Linux IP Carrier Software Support
CARRIER-SW-95 QNX IP Carrier Software Support
For other operating systems please contact TEWS.
Related Products
TA301
Cable Kit for Modules with HD50 Connector
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com