Electronic Components Datasheet Search
  English  ▼

X  

TMOV34S151MP Datasheet(PDF) 8 Page - Littelfuse

Part # TMOV34S151MP
Description  High Energy Industrial Thermally Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV34S151MP Datasheet(HTML) 8 Page - Littelfuse

  TMOV34S151MP Datasheet HTML 1Page - Littelfuse TMOV34S151MP Datasheet HTML 2Page - Littelfuse TMOV34S151MP Datasheet HTML 3Page - Littelfuse TMOV34S151MP Datasheet HTML 4Page - Littelfuse TMOV34S151MP Datasheet HTML 5Page - Littelfuse TMOV34S151MP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: July 5, 2012
TMOV®34S Varistor Series
Industrial High Energy Thermally Protected Varistors > TMOV
®34S Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov34s.html for current information.
37.0 MAX
47.5
MAX
25.4 ± 1.0
7 ± 0.1
S
4 ± 0.5
T
0.51 ± 0.1
1.4 ± 0.1
Part Number
T Dimension
Max Body
Thickness
S Dimension --
Mounting Terminal
Offset
Dimensions - Alternative 2 Leaded Series
Dimensions 3 Leaded Series
37.0 MAX
47.5
Monitor
Terminal
Faces of Terminals In Line
MAX
22.0 ± 1.0
4.5 ± 1.1
± 0.75
5.3 ± 0.1
22.0±1.0
3.0
7.5 ±1.1
±0.25
6.0±0.1
Outside
Terminals
Middle
Terminal
S
42.5
MAX
2.5 to 5.0
T
2.30 ± 0.2
6.0 ± 0.1
5.3 ± 0.1
6.0±0.1
Center to center of outside terminals
Middle terminal does not have seating crimp
(NOTE: Middle terminal is not at center)
Dimensions in millimeter
unless otherwise specified
To order alternative design
with narrow 3mm monitor lead
(right hand terminal as shown)
add suffix X2696 to part number
(NOTE: Middle terminal is not at center)
Middle
Terminal
Part Number
"T" Max Body
Thickness
“S” Mounting
Terminal Offset



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com