| Electronic Components Datasheet Search |
|
UPSD3422 Datasheet(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 Datasheet(HTML) 134 Page - STMicroelectronics |
|
134 / 293 page ![]() SPI (synchronous peripheral interface) uPSD34xx 134/293 24 SPI (synchronous peripheral interface) uPSD34xx devices support one serial SPI interface in Master Mode only. This is a three- or four-wire synchronous communication channel, capable of full-duplex operation on 8-bit serial data transfers. The four SPI bus signals are: ● SPIRxD Pin P1.5 or P4.5 receives data from the Slave SPI device to the uPSD34xx ● SPITxD Pin P1.6 or P4.6 transmits data from the uPSD34xx to the Slave SPI device ● SPICLK Pin P1.4 or P4.4 clock is generated from the uPSD34xx to the SPI Slave device ● SPISEL Pin P1.7 or P4.7 selects the signal from the uPSD34xx to an individual Slave SPI device This SPI interface supports single-Master/multiple-Slave connections. Multiple-Master connections are not directly supported by the uPSD34xx (no internal logic for collision detection). If more than one Slave device is required, the SPISEL signal may be generated from uPSD34xx GPIO outputs (one for each Slave) or from the PLD outputs of the PSD Module. Figure 44 illustrates three examples of SPI device connections using the uPSD34xx: ● Single-Master/Single-Slave with SPISEL ● Single-Master/Single-Slave without SPISEL ● Single-Master/Multiple-Slave without SPISEL Figure 44. SPI device connection examples SPI Bus SPI Bus SPI Bus SPITxD SPIRxD uPSD34xx SPI Master SPI Slave Device SPICLK SPISEL AI07853b MOSI MISO SCLK Single-Master/Single-Slave, with SPISEL Single-Master/Single-Slave, without SPISEL Single-Master/Multiple-Slave, without SPISEL SS SPI Slave Device MOSI MISO SCLK SS SPI Slave Device MOSI MISO SCLK SS SS SPITxD SPIRxD uPSD34xx SPI Master SPI Slave Device SPICLK SPITxD SPIRxD uPSD34xx SPI Master SPICLK GPIO or PLD GPIO or PLD MOSI MISO SCLK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |