Electronic Components Datasheet Search
  English  ▼

X  

TMP93CS40 Datasheet(PDF) 120 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 120 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 121Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 124Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-118
The clock selected among fFPH, fc/16, and fs is divided by 2 and input to this prescaler.
The selection is made by the system clock control register SYSCR0<PRCK1:0>.
Resetting sets <PRCK1:0> to 00, selecting the fFPH clock input to be divided by 2. The
TRUN<PRRUN> register which controls this prescaler, is also used for the other timers. So,
this prescaler cannot be operated independently.
The 8-bit PWM timers 0 and 1 select one of the clock inputs:
φP1, φP4, and φP16, from
among the three prescaler outputs.
This prescaler also can be run or stopped by TRUN<PRRUN> as described in discussion
of the 8-bit timer.
Counting starts when <PRRUN> is set to 1. The prescaler is cleared and stops operation
when <PRRUN> is set to 0.
Resetting clears <PRRUN> and stops the prescaler.
When the IDLE1 mode (with only the oscillator operating) is used, set TRUN<PRRUN>
to “0” to reduce the power consumption of the prescaler before the “HALT” instruction is
executed.
2. Up counter
The up counter is an 8-bit binary counter which counts up using the input clock specified
by PWM0 mode register P0MOD<T2CLK1:0>.
The input clock for the up counter is selected from among the internal clocks
φP1, φP4,
and
φP16 (PWM dedicated prescaler output) depending on the value in <T2CLK1:0>.
Operating mode is set by P0MOD<PWM0M>. At reset, <PWM0M> is initialized to “0”,
and thus the up counter is placed in PWM mode. In PWM mode, the up counter is cleared
when a 2n
− 1 overflow occurs; in timer mode, the up counter is cleared at compare and
match.
Count/stop and clear of the up counter can be controlled for each PWM timer using the
timer operation control register TRUN. Resetting clears all up counters and stops all PWM
timers.
3. Timer register
The 8-bit register is used for setting a time interval. When the value set in the timer
register (TREG2) matches the value in the up counter, the match detect signal of the
comparator becomes active.
Timer register TREG2 is paired with a register buffer to make a double buffer structure.
TREG2 controls double buffer enable/disable by P0MOD<DB2EN>. The double buffer is
disabled when <DB2EN>
= 0, and enabled when <DB2EN> = 1.
In double buffer enable state, data are transferred from register buffer to timer register
when a 2n
− 1 overflow occurs in PWM mode, or when compare and match occur in 8-bit
timer mode. A PWM timer can be operated in timer mode in double buffer enable state,
whereas timers 0 and 1 cannot.
At reset, <DB2EN> is initialized to 0 to disable the double buffer. The same value is set in
both the register buffer and the timer register. To use the double buffer, write the data in
the timer register first, then set <DB2EN> to 1 and write the following data in the register
buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com