| Electronic Components Datasheet Search |
|
TMP86FS64FG Datasheet(PDF) 124 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS64FG Datasheet(HTML) 124 Page - Toshiba Semiconductor |
|
124 / 252 page ![]() Page 112 10. 8-Bit TimerCounter 3 (TC3) 10.1 Configuration TMP86FS64FG 10.3.3 Capture Mode In the capture mode, the pulse width, frequency and duty cycle of the pulse input to the TC3 pin are mea- sured with the internal clock. The capture mode is used to decode remote control signals, and identify AC50/60 Hz. When the falling edge of the TC3 input is detected after the timer starts, the up-counter value is captured into TC3DRB. Hereafter, whenever the rising edge is detected, the up-counter value is captured into TC3DRA and the INTTC3 interrupt request is generated. The up-counter is cleared at this time. Generally, read TC3DRB and TC3DRA during INTTC3 interrupt processing. After the up-counter is cleared, counting is continued and the next up-counter value is captured into TC3DRB. When the rising edge is detected immediately after the timer starts, the up-counter value is captured into TC3DRA only, but not into TC3DRB. The INTTC3 interrupt request is generated. When the read instruction is executed to TC3DRB at this time, the value at the completion of the last capture (FF immediately after a reset) is read. The minimum input pulse width must be larger than one cycle width of the source clock programmed in TC3CR<TC3CK>. The INTTC3 interrupt request is generated if the up-counter overflow (FFH) occurs during capture operation before the edge is detected. TC3DRA is set to FFH and the up-counter is cleared. Counting is continued by the up-counter, but capture operation and overflow detection are stopped until TC3DRA is read. Generally, read TC3DRB first because capture operation and overflow detection resume by reading TC3DRA. Figure 10-5 Capture Mode Timing Chart Read of TC3DRA Source clock Counter TC3DRA TC3 pin input TC3DRB INTTC3 interrupt request i FE 2 3 1 0 1 k-1 1 Capture Capture Capture Capture Capture m FF (Overflow) k n 0 FF TC3CR<TC3S> i i+1 i-1 0 k m m+1 m-1 n-1 0 n 2 1 3 Internal waveform FE Overflow Timer start |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |