Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS64FG Datasheet(PDF) 165 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 165 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 161Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 162Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 163Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 164Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 165Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 166Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 167Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 168Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 169Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 252 page
background image
Page 153
TMP86FS64FG
When an external clock is used, the data must be written to the data buffer register before shifting next data.
Thus, the transfer speed is determined by the maximum delay time from the generation of the interrupt request
to writing of the data to the data buffer register by the interrupt service program.
The transmission is ended by clearing SIO1CR1<SIOS> to “0” or setting SIO1CR1<SIOINH> to “1” in
buffer empty interrupt service program.
SIO1CR1<SIOS> is cleared, the operation will end after all bits of words are transmitted.
That the transmission has ended can be determined from the status of SIO1SR<SIOF> because
SIO1SR<SIOF> is cleared to “0” when a transfer is completed.
When SIO1CR1<SIOINH> is set, the transmission is immediately ended and SIO1SR<SIOF> is cleared to
“0”.
When an external clock is used, it is also necessary to clear SIO1CR1<SIOS> to “0” before shifting the next
data; If SIO1CR1<SIOS> is not cleared before shift out, dummy data will be transmitted and the operation will
end.
If it is necessary to change the number of words, SIO1CR1<SIOS> should be cleared to “0”, then
SIO1CR2<BUF> must be rewritten after confirming that SIO1SR<SIOF> has been cleared to “0”.
Figure 15-7 Transfer Mode (Example: 8bit, 1word transfer, Internal clock)
a1
a2
a3
a4
a5
a6
a7
b0
b1
b2
b3
b4
b5
b6
b7
a0
DBR
b
a
Clear SIOS
Write
(a)
Write
(b)
SCK1 pin
(Output)
SO1 pin
INTSIO1 interrupt
SIO1CR1<SIOS>
SIO1SR<SIOF>
SIO1SR<SIOF>
SIO1SR<SEF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com