Electronic Components Datasheet Search
  English  ▼

X  

AD8669ARZ-REEL1 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8669ARZ-REEL1
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8669ARZ-REEL1 Datasheet(HTML) 3 Page - Analog Devices

  AD8669ARZ-REEL1 Datasheet HTML 1Page - Analog Devices AD8669ARZ-REEL1 Datasheet HTML 2Page - Analog Devices AD8669ARZ-REEL1 Datasheet HTML 3Page - Analog Devices AD8669ARZ-REEL1 Datasheet HTML 4Page - Analog Devices AD8669ARZ-REEL1 Datasheet HTML 5Page - Analog Devices AD8669ARZ-REEL1 Datasheet HTML 6Page - Analog Devices AD8669ARZ-REEL1 Datasheet HTML 7Page - Analog Devices AD8669ARZ-REEL1 Datasheet HTML 8Page - Analog Devices AD8669ARZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8663/AD8667/AD8669
Rev. A | Page 3 of 16
SPECIFICATIONS
AD8663/AD8667/AD8669 ELECTRICAL CHARACTERISTICS
VSY = 5.0 V, VCM = VSY/2, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VSY/2
30
175
μV
−40°C < TA < +125°C
450
μV
Input Bias Current
IB
0.3
pA
−40°C < TA < +85°C
45
pA
−40°C < TA < +125°C
105
pA
Input Offset Current
IOS
0.2
pA
−40°C < TA < +85°C
35
pA
−40°C < TA < +125°C
65
pA
Input Voltage Range
0.2
3.0
V
Common-Mode Rejection Ratio
CMRR
VCM = 0.2 V to 3.0 V
76
100
dB
−40°C < TA < +125°C
76
100
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ, VOUT = 0.5 V to 4.5 V
115
140
dB
RL = 2 kΩ, VOUT = 0.5 V to 4.5 V
106
114
dB
Offset Voltage Drift
TCVOS
−40°C < TA < +125°C
1.5
5
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 100 μA
4.95
4.97
V
−40°C < TA < +125°C
4.90
V
Output Voltage High
VOH
IL = 1 mA
4.65
4.80
V
−40°C < TA < +125°C
4.60
V
Output Voltage Low
VOL
IL = 100 μA
17
25
mV
−40°C < TA < +125°C
35
mV
Output Voltage Low
VOL
IL = 1 mA
150
200
mV
−40°C < TA < +125°C
250
mV
Short-Circuit Current
ISC
±7
mA
Closed-Loop Output Impedance
ZOUT
f = 100 kHz, AV = 1
120
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 5 V to 16 V
95
105
dB
−40°C < TA < +125°C
95
dB
Supply Current per Amplifier
ISY
VOUT = VSY/2
210
275
μA
−40°C < TA < +125°C
325
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
0.26
V/μs
Gain Bandwidth Product
GBP
CL = 20 pF
520
kHz
Phase Margin
ΦM
CL = 20 pF
60
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
2.5
μV p-p
Voltage Noise Density
en
f = 1 kHz
23
nV/√Hz
f = 10 kHz
21
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/√Hz


Similar Part No. - AD8669ARZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8669ARZ-REEL AD-AD8669ARZ-REEL Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8669ARZ-REEL AD-AD8669ARZ-REEL Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8669ARZ-REEL AD-AD8669ARZ-REEL Datasheet
656Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8669ARZ-REEL7 AD-AD8669ARZ-REEL7 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8669ARZ-REEL7 AD-AD8669ARZ-REEL7 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
More results

Similar Description - AD8669ARZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com