Electronic Components Datasheet Search
  English  ▼

X  

STM32G474CB Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32G474CB
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CB Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32G474CB Datasheet HTML 106Page - STMicroelectronics STM32G474CB Datasheet HTML 107Page - STMicroelectronics STM32G474CB Datasheet HTML 108Page - STMicroelectronics STM32G474CB Datasheet HTML 109Page - STMicroelectronics STM32G474CB Datasheet HTML 110Page - STMicroelectronics STM32G474CB Datasheet HTML 111Page - STMicroelectronics STM32G474CB Datasheet HTML 112Page - STMicroelectronics STM32G474CB Datasheet HTML 113Page - STMicroelectronics STM32G474CB Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 232 page
background image
IDD
(Standby with
RTC)
Supply current in Standby
mode (backup registers
retained),
RTC enabled
RTC clocked
by LSI, no
independent
watchdog
1.8 V
540
725
1800
3850
8850
770
1900 4900
9300
25000
nA
2.4 V
700
920
2150
4650
10500
960
3900 5800 11000
29000
3 V
885
1150
2650
5550
12500 1300 4500 7000 13000
33000
3.6 V
1100
1450
3350
7000
15500 1600 5100 8200 15000
39000
RTC clocked
by LSI, with
independent
watchdog
1.8 V
580
-
-
-
-
---
-
-
2.4 V
760
-
-
-
-
---
-
-
3 V
960
-
-
-
-
---
-
-
3.6 V
1200
-
-
-
-
-
-
-
-
-
RTC clocked
by LSE
bypassed at
32768 Hz
1.8 V
410
580
1600
3650
8600
-
-
-
-
-
nA
2.4 V
545
750
1950
4450
10500
-
-
-
-
-
3 V
830
1150
2750
5800
13000
-
-
-
-
-
3.6 V
2200
3050
5550
9550
18000
-
-
-
-
-
RTC clocked
by LSE
quartz(3) in
low drive
mode
1.8 V
370
570
1350
3150
7100
-
-
-
-
-
2.4 V
495
715
1650
3800
8350
-
-
-
-
-
3 V
655
915
2100
4550
9850
-
-
-
-
-
3.6 V
875
1350
2800
5750
12000
-
-
-
-
-
IDD
(SRAM2)(4)
Supply current to be added in
Standby mode when SRAM2
is retained
-
1.8 V
300
825
2950
6300
12550
-
-
-
-
-
nA
2.4 V
305
875
2900
6400
12500
-
-
-
-
-
3 V
305
865
2950
6150
12500
-
-
-
-
-
3.6 V
310
870
3000
6450
13000
-
-
-
-
-
Table 35. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C 105°C 125°C 25°C 55°C 85°C 105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com