| Electronic Components Datasheet Search |
|
STM32G474CE Datasheet(PDF) 226 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE Datasheet(HTML) 226 Page - STMicroelectronics |
|
226 / 232 page ![]() Package information STM32G474xB STM32G474xC STM32G474xE 226/232 DS12288 Rev 1 6.9 Thermal characteristics The maximum chip-junction temperature, TJ max, in degrees Celsius, may be calculated using the following equation: TJ max = TA max + (PD max x ΘJA) Where: • TA max is the maximum ambient temperature in °C, • ΘJA is the package junction-to-ambient thermal resistance, in °C/W, • PD max is the sum of PINT max and PI/O max (PD max = PINT max + PI/Omax), • PINT max is the product of IDD and VDD, expressed in Watts. This is the maximum chip internal power. PI/O max represents the maximum power dissipation on output pins where: PI/O max = Σ (VOL × IOL) + Σ ((VDDIOx – VOH) × IOH), taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the application. Table 121. Package thermal characteristics Symbol Parameter Value Unit ΘJA Thermal resistance junction-ambient LQFP128 - 14 × 14 mm 50.1 °C/W Thermal resistance junction-ambient LQFP100 - 14 × 14 mm 50.1 Thermal resistance junction-ambient LQFP80 - 12 × 12 mm TBD Thermal resistance junction-ambient LQFP64 - 10 × 10 mm 51.6 Thermal resistance junction-ambient LQFP48 - 7 × 7 mm 53.2 Thermal resistance junction-ambient TFBGA100 - 8 × 8 mm 30.8 Thermal resistance junction-ambient UFQFPN48 - 7 × 7 mm 25.7 Thermal resistance junction-ambient WLCSP81 - 4.02 X 4.27 mm 45 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |