Electronic Components Datasheet Search
  English  ▼

X  

CD54HC299 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54HC299
Description  High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC299 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC299 Datasheet HTML 1Page - Texas Instruments CD54HC299 Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 2 page
background image
5
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
HC TYPES
Maximum Clock
Frequency
fMAX
2
6
-
-
5
-
-
4
-
-
MHz
4.5
30
-
-
25
-
-
20
-
-
MHz
6
35
-
-
29
-
-
23
-
-
MHz
MR Pulse Width
tW
250
-
-
65
-
-
75
-
-
ns
4.5
10
-
-
13
-
-
15
-
-
ns
6
9
-
-
11
-
-
13
-
-
ns
Clock Pulse Width
tW
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
Setup Time
DS0, DS7, I/On to Clock
tSU
2
100
-
-
125
-
-
150
-
-
ns
4.5
20
-
-
25
-
-
30
-
-
ns
617
-
-
21
-
-
26
-
-
ns
Hold Time DS0, DS7,
I/On, S0, S1 to Clock
tH
20
-
-
0
-
-
0
-
-
ns
4.5
0
-
-
0
-
-
0
-
-
ns
60
-
-
0
-
-
0
-
-
ns
Recovery Time
MR to Clock
tREC
25
-
-
5
-
-
5
-
-
ns
4.5
5
-
-
5
-
-
5
-
-
ns
65
-
-
5
-
-
5
-
-
ns
Setup Time
S1, S0 to Clock
tSU
2
120
-
-
150
-
-
180
-
-
ns
4.5
24
-
-
30
-
-
36
-
-
ns
620
-
-
26
-
-
31
-
-
ns
HCT TYPES
Maximum Clock
Frequency
fMAX
4.5
25
-
-
20
-
-
16
-
-
MHz
MR Pulse Width
tW
4.5
15
-
-
19
-
-
22
-
-
ns
Clock Pulse Width
tW
4.5
20
-
-
25
-
-
30
-
-
ns
Setup Time DS0, DS7,
I/On, S0, S1 to Clock
tSU
4.5
20
-
-
25
-
-
30
-
-
ns
Hold Time DS0, DS7,
I/On, S0, S1 to Clock
tH
4.5
0
-
-
0
-
-
0
-
-
ns
Recovery Time MR to
Clock
tREC
4.5
5
-
-
5
-
-
5
-
-
ns
Setup Time S1, S0 to
Clock
tSU
4.5
27
-
-
34
-
-
41
-
-
ns
CD54HC299, CD74HC299, CD54HCT299, CD74HCT299



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com