Electronic Components Datasheet Search
  English  ▼

X  

ST7262 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST7262 Datasheet HTML 124Page - STMicroelectronics ST7262 Datasheet HTML 125Page - STMicroelectronics ST7262 Datasheet HTML 126Page - STMicroelectronics ST7262 Datasheet HTML 127Page - STMicroelectronics ST7262 Datasheet HTML 128Page - STMicroelectronics ST7262 Datasheet HTML 129Page - STMicroelectronics ST7262 Datasheet HTML 130Page - STMicroelectronics ST7262 Datasheet HTML 131Page - STMicroelectronics ST7262 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 139 page
background image
128/139
14 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (ROM).
ST7262 devices are ROM versions.
ST72F62 FLASH devices are shipped to custom-
ers with a default content (FFh). This implies that
FLASH devices have to be configured by the cus-
tomer using the Option Byte while the ROM devic-
es are factory-configured.
14.1 OPTION BYTE
The Option Byte allows the hardware configuration
of the microcontroller to be selected.
The Option Byte has no address in the memory
map and can be accessed only in programming
mode using a standard ST7 programming tool.
The default content of the FLASH is fixed to FFh.
This means that all the options have “1” as their
default value.
Bits 7:6 = Reserved.
Bit 5 = WDGSW Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware enabled
1: Software enabled
Bit 4 = NEST
This option bit selects the nested interrupts fea-
ture.
0: Nested interrupt feature disabled
1: Nested interrupt feature enabled
Bit 3 = LVD Low Voltage Detector selection
This option bit selects the LVD.
0: LVD enabled
1: LVD disabled
Bit 2= Reserved.
Bit 1 = OSC12/6 Oscillator selection
This option bit selects the clock divider used to
drive the USB interface at 6MHz.
0: 6 MHz oscillator (no divider for USB)
1: 12 Mhz oscillator (2 divider for USB)
Bit 0 = FMP_R Memory Readout Protection
Readout protection, when selected provides a pro-
tection against program memory content extrac-
tion and against write access to Flash memory.
Erasing the option bytes when the FMP_R option
is selected will cause the whole memory to be
erased first and the device can be reprogrammed.
Refer to the ST7 Flash Programming Reference
Manual and section 4.3.1 on page 14 for more de-
tails.
0: Read-out protection enabled
1: Read-out protection disabled
14.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM contents
and the list of the selected options (if any). The
ROM contents are to be sent on diskette, or by
electronic means, with the hexadecimal file in .S19
format generated by the development tool. All un-
used bytes must be set to FFh.
The selected options are communicated to STMi-
croelectronics using the correctly completed OP-
TION LIST appended.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
70
--
WDG
SW
NEST LVD
-
OSC
12/6
FMP_
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com