Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RFH6V Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32F205RFH6V
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RFH6V Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32F205RFH6V Datasheet HTML 121Page - STMicroelectronics STM32F205RFH6V Datasheet HTML 122Page - STMicroelectronics STM32F205RFH6V Datasheet HTML 123Page - STMicroelectronics STM32F205RFH6V Datasheet HTML 124Page - STMicroelectronics STM32F205RFH6V Datasheet HTML 125Page - STMicroelectronics STM32F205RFH6V Datasheet HTML 126Page - STMicroelectronics STM32F205RFH6V Datasheet HTML 127Page - STMicroelectronics STM32F205RFH6V Datasheet HTML 128Page - STMicroelectronics STM32F205RFH6V Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 184 page
background image
DocID15818 Rev 15
125/184
STM32F20xxx
Electrical characteristics
183
6.3.20
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 66 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 14.
Table 66. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
-
1.8(1)
-3.6
V
VREF+
Positive reference voltage
-
1.8(1)(2)
-VDDA
V
fADC
ADC clock frequency
VDDA = 1.8(1) to 2.4 V
0.6
-
15
MHz
VDDA = 2.4 to 3.6 V
0.6
-
30
MHz
fTRIG(3) External trigger frequency
fADC = 30 MHz with
12-bit resolution
-
-
1764
kHz
--
-
17
1/fADC
VAIN
Conversion voltage range(4)
-
0 (VSSA or VREF-
tied to ground)
-VREF+
V
RAIN(3) External input impedance
See Equation 1 for
details
--
50
k
Ω
RADC(3)(5) Sampling switch resistance
-
1.5
-
6
k
Ω
CADC(3)
Internal sample and hold
capacitor
--
4
-
pF
tlat(3)
Injection trigger conversion
latency
fADC = 30 MHz
-
-
0.100
µs
--
-
3(6)
1/fADC
tlatr(3)
Regular trigger conversion latency
fADC = 30 MHz
-
-
0.067
µs
--
-
2(6)
1/fADC
tS(3)
Sampling time
fADC = 30 MHz
0.100
-
16
µs
-
3
-
480
1/fADC
tSTAB(3) Power-up time
-
-
2
3
µs
tCONV(3)
Total conversion time (including
sampling time)
fADC = 30 MHz
12-bit resolution
0.5
-
16.40
µs
fADC = 30 MHz
10-bit resolution
0.43
-
16.34
µs
fADC = 30 MHz
8-bit resolution
0.37
-
16.27
µs
fADC = 30 MHz
6-bit resolution
0.3
-
16.20
µs
9 to 492 (tS for sampling +n-bit resolution for successive
approximation)
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com