Electronic Components Datasheet Search
  English  ▼

X  

IP175C-DS-R10 Datasheet(PDF) 105 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R10
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R10 Datasheet(HTML) 105 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R10 Datasheet HTML 101Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 102Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 103Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 104Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 105Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 106Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 107Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 108Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 109Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
3.3.4
RMII Timing
a. Receive Timing Requirements
Symbol
Description
Min.
Typ.
Max.
Unit
TRxClk
Receive clock period
-
20
-
ns
TsRxClk
RXDV, RXD to MII_CLK_IN setup time
2
-
-
ns
ThRxClk
RXDV, RXD to MII_CLK_IN hold time
0.5
-
-
ns
MII_ CL K _ IN
RX DV , RX D[1 :0 ]
T sRxClk
T hRxClk
T RxClk
b. Transmit Timing
Symbol
Description
Min.
Typ.
Max.
Unit
TTxClk
Transmit clock period
-
20
-
ns
TdTxClk
MII_CLK_IN rising edge to TXEN, TXD
1
-
4
ns
TdTxClk
MII_CLK_IN
TXEN, TXD[1:0]
TTxClk
Mar 09, 2007
105/111
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com