Electronic Components Datasheet Search
  English  ▼

X  

EUP2571 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP2571
Description  White LED Step-Up Converter In Tiny SOT-23 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2571 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP2571 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EUP2571
DS2571
Ver1.1
May. 2007
1
White LED Step-Up Converter
In Tiny SOT-23 Package
DESCRIPTION
The EUP2571 is a constant current step-up converter
specifically designed to drive white LEDs. The Step-up
converter topology allows series connection of the
white LEDs so the LED currents are identical for
uniform brightness. The EUP2571 switches at 1.1MHz,
allowing the use of tiny external components. The
input and output capacitor can be as small as 1µF,
saving space and cost versus alternative solutions. A
low 0.25V feedback voltage minimizes power loss in
the current setting resistor for better efficiency.
The EUP2571 is available in low profile SOT23-5,
SOT23-6 package.
Typical Application Circuit
FEATURES
2.6V to 5.5V Input Range
26V Output with Over Voltage Protection
High Efficiency :85 % Typical
PWM Dimming Control
Internal High Power 30V MOSFET Switch
Fast 1.1MHz Switching Frequency
Small, Low-Profile Inductors and Capacitors
SOT23-5,SOT23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Mobile Phone
Digital Still Camera
PDAs, Handheld Computers
MP3 Players
GPS Receivers
Figure 1.
White LED Application


Similar Part No. - EUP2571

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2570 EUTECH-EUP2570 Datasheet
72Kb / 1P
1MHz Boost Regulator with 18V Integrated FET Switch in Tiny SOT-23
EUP2573 EUTECH-EUP2573 Datasheet
98Kb / 2P
1.2MHz Step-Up PWM Controller
More results

Similar Description - EUP2571

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
White LED Boost Converter In Tiny Package
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
logo
Linear Technology
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Eutech Microelectronics...
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
White LED Step-Up Converter In TSOT-23 Package
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Texas Instruments
TLV61220 TI-TLV61220_15 Datasheet
1Mb / 24P
TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
Built-In OVP White LED Step-Up Converter in Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com