Electronic Components Datasheet Search
  English  ▼

X  

EUP2571 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # EUP2571
Description  White LED Step-Up Converter In Tiny SOT-23 Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2571 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  EUP2571 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EUP2571
DS2571
Ver1.1
May. 2007
2
Typical Application Circuit (continued)
Figure 2.
5V to 9V/300mA Step-Up Application
Pin Configurations
Package Type
Pin
Configurations
Package Type
Pin
Configurations
SOT23-5
SOT23-6
Pin Description
PIN
SOT23-5
SOT23-6
DESCRIPTION
LX
1
1
Switch Pin. Connect inductor/diode here. Minimize trace area at this pin to
reduce EMI.
GND
2
2
Common Ground
FB
3
3
Feedback Pin. Reference voltage is 0.25V. Connect cathode of lowest LED
and resistor here. Calculate resistor value according to the formula:
RFB=0.25/ILED
EN
4
4
Chip Enable Pin. Connect to 1.4V or higher to enable device, 0.4V or less to
disable device.
IN
5
6
Input Supply Voltage
OUT
-
5
Overvoltage Sense. When VOUT is greater than 27V, the internal N-channel
MOSFET turns off until VOUT drops below 25V, then the IC reenters start.
Connect a 1uF capacitor from OUT to GND.


Similar Part No. - EUP2571

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2570 EUTECH-EUP2570 Datasheet
72Kb / 1P
   1MHz Boost Regulator with 18V Integrated FET Switch in Tiny SOT-23
EUP2573 EUTECH-EUP2573 Datasheet
98Kb / 2P
   1.2MHz Step-Up PWM Controller
More results

Similar Description - EUP2571

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
logo
Eutech Microelectronics...
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
   White LED Step-Up Converter In TSOT-23 Package
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220 TI-TLV61220_15 Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com