| Electronic Components Datasheet Search |
|
MJD31C Datasheet(PDF) 115 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
MJD31C Datasheet(HTML) 115 Page - Nexperia B.V. All rights reserved |
|
115 / 234 page ![]() Automotive analog & logic ICs Counters/Frequency dividers Type number Description Features Package (suffix) 74HC161-Q100 Presettable synchronous 4-bit binary counter; asynchronous reset 2.0 - 6.0 ± 5.2 19 -40 to 125 • • 74HC163-Q100 Presettable synchronous 4-bit binary counter; synchronous reset 2.0 - 6.0 ± 5.2 17 -40 to 125 • • 74HCT163-Q100 Presettable synchronous 4-bit binary counter; synchronous reset; TTL-enabled 4.5 - 5.5 ± 4.0 20 -40 to 125 • • 74HC193-Q100 Presettable synchronous 4-bit binary up/down counter 2.0 - 6.0 ± 5.2 20 -40 to 125 • • 74HCT193-Q100 Presettable synchronous 4-bit binary up/down counter; TTL-enabled 4.5 - 5.5 ± 4.0 20 -40 to 125 • • 74HC393-Q100 Dual 4-bit binary ripple counter 2.0 - 6.0 ± 5.2 12 -40 to 125 • • • 74HCT393-Q100 Dual 4-bit binary ripple counter; TTL-enabled 4.5 - 5.5 ± 4.0 20 -40 to 125 • • • 74HC4017-Q100 Johnson decade counter with 10 decoded outputs 2.0 - 6.0 ± 5.2 18 -40 to 125 • • • 74HCT4017-Q100 Johnson decade counter with 10 decoded outputs; TTL-enabled 4.5 - 5.5 ± 4.0 21 -40 to 125 • • 74HC4020-Q100 14-stage binary ripple counter 2.0 - 6.0 ± 5.2 11 -40 to 125 • • • 74HCT4020-Q100 14-stage binary ripple counter; TTL-enabled 4.5 - 5.5 ± 4.0 15 -40 to 125 • • • 74HC4024-Q100 7-stage binary ripple counter 2.0 - 6.0 ± 5.2 14 -40 to 125 • • 74HC4040-Q100 12-stage binary ripple counter 2.0 - 6.0 ± 5.2 14 -40 to 125 • • • 74HCT4040-Q100 12-stage binary ripple counter; TTL-enabled 4.5 - 5.5 ± 4.0 16 -40 to 125 • • • 74HC4060-Q100 14-stage binary ripple counter with oscillator 2.0 - 6.0 ± 5.2 31 -40 to 125 • • • 74HCT4060-Q100 14-stage binary ripple counter with oscillator; TTL-enabled 4.5 - 5.5 ± 4.0 31 -40 to 125 • • 74HC4520-Q100 Dual 4-bit synchronous binary counter 2.0 - 6.0 ± 5.2 24 -40 to 125 • 74HCT4520-Q100 Dual 4-bit synchronous binary counter; TTL-enabled 4.5 - 5.5 ± 4.0 24 -40 to 125 • 74LV393-Q100 Dual 4-bit binary ripple counter 1.0 - 3.6 ± 6 12 -40 to 125 • • HEF4017B-Q100 5-stage Johnson decade counter 3.0 - 15 ± 2.4 40 -40 to 85 • HEF4020B-Q100 14-stage binary ripple counter 3.0 - 15 ± 2.4 30 -40 to 85 • HEF4040B-Q100 12-stage binary ripple counter 3.0 - 15 ± 2.4 35 -40 to 85 • HEF4060B-Q100 14-stage binary ripple counter with oscillator 3.0 - 15 ± 2.4 50 -40 to 85 • HEF4541B-Q100 Programmable timer 3.0 - 15 - 4/ + 2.7 38 -40 to 85 • HEF4520B-Q100 Dual 4-bit synchronous binary counter 3.0 - 15 ± 2.4 15 -40 to 85 • 115 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |