| Electronic Components Datasheet Search |
|
MJD31C Datasheet(PDF) 124 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
MJD31C Datasheet(HTML) 124 Page - Nexperia B.V. All rights reserved |
|
124 / 234 page ![]() Automotive analog & logic ICs Shift registers Type number Description Features Package (suffix) 74AHC164-Q100 8-bit serial-in/parallel-out shift register 2.0 - 5.5 ± 8 4.5 -40 to 125 • • • 74AHCT164-Q100 8-bit serial-in/parallel-out shift register; TTL-enabled 4.5 - 5.5 ± 8 3.4 -40 to 125 • • • 74AHC594-Q100 8-bit serial-in/parallel-out shift register with output register 2.0 - 5.5 ± 8 4.1 -40 to 125 • • • 74AHCT594-Q100 8-bit serial-in/parallel-out shift register with output register; TTL-enabled 4.5 - 5.5 ± 8 3.8 -40 to 125 • • • 74AHC595-Q100 8-bit serial-in/parallel-out shift register with output register (3-state) 2.0 - 5.5 ± 8 4.0 -40 to 125 • • • 74AHCT595-Q100 8-bit serial-in/parallel-out shift register with output storage; TTL-enabled (3-state) 4.5 - 5.5 ± 8 3.8 -40 to 125 • • • 74HC164-Q100 8-bit serial-in/parallel-out shift register 2.0 - 6.0 ± 5.2 12 -40 to 125 • • • 74HCT164-Q100 8-bit serial-in/parallel-out shift register; TTL-enabled 4.5 - 5.5 ± 4 12 -40 to 125 • • • 74HC165-Q100 8-bit parallel or serial-in/serial-out shift register 2.0 - 6.0 ± 5.2 16 -40 to 125 • • • 74HCT165-Q100 8-bit parallel or serial-in/serial-out shift register; TTL-enabled 4.5 - 5.5 ± 4 14 -40 to 125 • • • 74HC166-Q100 8-bit parallel or serial-in/serial-out shift register 2.0 - 6.0 ± 5.2 15 -40 to 125 • • 74HCT166-Q100 8-bit parallel or serial-in/serial-out shift register; TTL-enabled 4.5 - 5.5 ± 4 23 -40 to 125 • 74HC594-Q100 8-bit serial-in/parallel-out shift register with output storage register 2.0 - 6.0 ± 7.8 14 -40 to 125 • 74HCT594-Q100 8-bit serial-in/parallel-out shift register with output storage register; TTL-enabled 4.5 - 5.5 ± 6 15 -40 to 125 • 74HC595-Q100 8-bit serial-in/parallel-out shift register with output storage register (3-state) 2.0 - 6.0 ± 7.8 16 -40 to 125 • • • 74HCT595-Q100 8-bit serial-in/parallel-out shift register with output storage register; TTL-enabled (3-state) 4.5 - 5.5 ± 6 25 -40 to 125 • • • 74HC597-Q100 8-bit parallel or serial-in/parallel-out shift register with parallel input register 2.0 - 6.0 ± 5.2 16 -40 to 125 • • 74HCT597-Q100 8-bit parallel or serial-in/parallel-out shift register with parallel input register; TTL-enabled 4.5 - 5.5 ± 4 20 -40 to 125 • 74HC4094-Q100 8-bit serial-in/serial or parallel-out shift register with output register (3-state) 2.0 - 6.0 ± 5.2 15 -40 to 125 • • 74HCT4094-Q100 8-bit serial-in/serial or parallel-out shift register with output register; TTL-enabled (3-state) 4.5 - 5.5 ± 4 19 -40 to 125 • 74LV164-Q100 8-bit serial-in/parallel-out shift register 1.0 - 5.5 ± 12 12 -40 to 125 • • • 74LV165-Q100 8-bit parallel or serial-in/serial-out shift register 1.0 - 5.5 ± 12 18 -40 to 125 • • Nexperia selection guide 2020 124 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |